Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9333 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9333
Description  QUAD LOW SIDE DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9333 Datasheet(HTML) 5 Page - STMicroelectronics

  L9333 Datasheet HTML 1Page - STMicroelectronics L9333 Datasheet HTML 2Page - STMicroelectronics L9333 Datasheet HTML 3Page - STMicroelectronics L9333 Datasheet HTML 4Page - STMicroelectronics L9333 Datasheet HTML 5Page - STMicroelectronics L9333 Datasheet HTML 6Page - STMicroelectronics L9333 Datasheet HTML 7Page - STMicroelectronics L9333 Datasheet HTML 8Page - STMicroelectronics L9333 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
L9333
Note :
All parameters are measured at 125
°C.
5. See also Fig.3 Timi ng Characteristics
Enable EN
VENlow
Input voltage LOW
-14
1
V
VENhigh
Input voltage HIGH
2
45
V
REN
Input impedance
-14V < VEN < 1.5V
5
k
IEN
Input current
1.5V < VEN < 45V
5
80
µA
Output s OUT1- OUT4
RDSon
Output ON-resistor
VS >6V, IO = 0.3A
1.7
3.8
IOLeak
Leakage current
VO =VS = 14V; Ta < 125°C1
5
µA
VO =VS = 14V; Ta < 150°C25
µA
VOClamp
Output voltage during clamping
EFB ≤ 2mJ; 10 mA < IO < 0.3A
45
52
60
V
IOSC
Short-circuit current
VS > 6V
400
700
1000
mA
CO
internal output capacities
VO > 4.5V
100
pF
Diagnostic Output DIAG
VDlow
Output voltage LOW
IDL = 0.6mA
0.8
V
IDmax
Max. output current
internal current limitation; VD =
14V
15
15
mA
IDLeak
Leakage current
VD =VS =14 V; Ta <125 °C
0.1
1
µA
VD =VS =14 V; Ta <150 °C5
µA
Timing Characteristics 5)
td,on
On delay time
VS =14V
Cext = 0F; Lext =0H
only testing condition
10mA
≤ I0 ≤ 200mA
2
3.5
µs
td,off
Off delay time
3
4.5
µs
tset
Enable settling time
20
µs
td,DIAG
ON or OFF Diagnostic delay time
10
µs
Sout
Output voltage slopes
2.5
9
16
V/
µs
Symbol
Parameter
Test Conditio n
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTCS (continued)


Similar Part No. - L9333

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
349Kb / 13P
   QUAD LOW SIDE DRIVER
L9333DIE1 STMICROELECTRONICS-L9333DIE1 Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
L9333MD STMICROELECTRONICS-L9333MD Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
L9333MD-TR STMICROELECTRONICS-L9333MD-TR Datasheet
349Kb / 13P
   QUAD LOW SIDE DRIVER
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
More results

Similar Description - L9333

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
   QUAD LOW SIDE DRIVER
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
   QUAD LOW SIDE DRIVER
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
   QUAD LOW SIDE DRIVER
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
   Quad low side driver
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
   QUAD LOW SIDE DRIVER
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
   QUAD LOW SIDE DRIVER
logo
Freescale Semiconductor...
33385 FREESCALE-33385 Datasheet
406Kb / 18P
   Quad Low-side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com