Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5250B Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMSZ5250B
Description  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMSZ5250B Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MMSZ5250B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMSZ5250B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMSZ5250B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited MMSZ5250B Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL Galaxy Electrical
Production specification
Surface mount zener diode
MMSZ5221B-MMSZ5260B
Document number: BL/SSZDA012
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Zener Voltage Range
Test
Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Vz@IZT
IZT
ZZT@IZT
ZZK@IZK=0.25mA
IR
@VR
Type
Number
Type
Code
Nom(V)
Min(V)
Max(V)
mA
μA
V
MMSZ5221B
C1
2.4
2.28
2.52
20
30
1200
100
1.0
MMSZ5223B
C3
2.7
2.57
2.84
20
30
1300
75
1.0
MMSZ5225B
C5
3.0
2.85
3.15
20
30
1600
50
1.0
MMSZ5226B
G1
3.3
3.14
3.47
20
28
1600
25
1.0
MMSZ5227B
G2
3.6
3.42
3.78
20
24
1700
15
1.0
MMSZ5228B
G3
3.9
3.71
4.10
20
23
1900
10
1.0
MMSZ5229B
G4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMSZ5230B
G5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMSZ5231B
E1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMSZ5232B
E2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMSZ5233B
E3
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMSZ5234B
E4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMSZ5235B
E5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMSZ5236B
F1
7.5
7.13
7.88
20
6
500
3.0
6.0
MMSZ5237B
F2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMSZ5238B
F3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMSZ5239B
F4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMSZ5240B
F5
10
9.50
10.50
20
17
600
3.0
8.0
MMSZ5241B
H1
11
10.45
11.55
20
22
600
2.0
8.4
MMSZ5242B
H2
12
11.40
12.60
20
30
600
1.0
9.1
MMSZ5243B
H3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMSZ5245B
H5
15
14.25
15.75
8.5
16
600
0.1
11
MMSZ5246B
J1
16
15.20
16.80
7.8
17
600
0.1
12
MMSZ5248B
J3
18
17.10
18.90
7.0
21
600
0.1
14
MMSZ5250B
J5
20
19.00
21.00
6.2
25
600
0.1
15
MMSZ5251B
K1
22
20.90
23.10
5.6
29
600
0.1
17
MMSZ5252B
K2
24
22.80
25.20
5.2
33
600
0.1
18
MMSZ5254B
K4
27
25.65
28.35
5.0
41
600
0.1
21
MMSZ5255B
K5
28
26.60
29.40
4.5
44
600
0.1
21
MMSZ5256B
M1
30
28.50
31.5
4.2
49
600
0.1
23
MMSZ5257B
M2
33
31.35
34.65
3.8
58
700
0.1
25
MMSZ5258B
M3
36
34.20
37.80
3.4
70
700
0.1
27
MMSZ5259B
M4
39
37.05
40.95
3.2
80
800
0.1
30
MMSZ5260B
M5
43
40.85
45.15
3.0
93
900
0.1
33


Similar Part No. - MMSZ5250B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5250B PANJIT-MMSZ5250B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5250B CHENDA-MMSZ5250B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5250B PANJIT-MMSZ5250B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5250B DIOTEC-MMSZ5250B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5250B TSC-MMSZ5250B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5250B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com