Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV18 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92LV18
Description  18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV18 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS92LV18_06 Datasheet HTML 1Page - National Semiconductor (TI) DS92LV18_06 Datasheet HTML 2Page - National Semiconductor (TI) DS92LV18_06 Datasheet HTML 3Page - National Semiconductor (TI) DS92LV18_06 Datasheet HTML 4Page - National Semiconductor (TI) DS92LV18_06 Datasheet HTML 5Page - National Semiconductor (TI) DS92LV18_06 Datasheet HTML 6Page - National Semiconductor (TI) DS92LV18_06 Datasheet HTML 7Page - National Semiconductor (TI) DS92LV18_06 Datasheet HTML 8Page - National Semiconductor (TI) DS92LV18_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Serializer Switching Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
HZD
DO ± HIGH to
TRI-STATE Delay
Figure 7 (Note 4)
R
L = 100
Ω,
C
L=10pF to GND
2.3
10
ns
t
LZD
DO ± LOW to
TRI-STATE Delay
1.9
10
ns
t
ZHD
DO ± TRI-STATE to
HIGH Delay
1.0
10
ns
t
ZLD
DO ± TRI-STATE to
LOW Delay
1.0
10
ns
t
SPW
SYNC Pulse Width
Figure 9,
R
L = 100
5*t
TCP
6*t
TCP
ns
t
PLD
Serializer PLL Lock Time
Figure 8,
R
L = 100
510*t
TCP
1024*t
TCP
ns
t
SD
Serializer Delay
Figure 10 ,R
L = 100
t
TCP + 1.0
t
TCP + 2.0
t
TCP + 4.0
ns
t
RJIT
Random Jitter
Room Temp., 3.3V,
66 MHz
4.5
ps
(RMS)
t
DJIT
Deterministic Jitter
Figure 16, (Note 8)
15 MHz
-430
190
ps
66 MHz
-40
70
ps
Deserializer Timing Requirements for REFCLK
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
RFCP
REFCLK Period
15.2
T
66.7
ns
t
RFDC
REFCLK Duty Cycle
40
50
60
%
t
RFCP /
t
TCP
Ratio of REFCLK to
TCLK
0.95
1.05
t
RFTT
REFCLK Transition Time
6ns
Deserializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
t
RCP
Receiver out Clock
Period
t
RCP =tTCP
RCLK
15.2
66.7
ns
t
RDC
RCLK Duty Cycle
RCLK
45
50
55
%
t
CLH
CMOS/TTL
Low-to-High
Transition Time
CL=15pF
Figure 4
ROUT(0-17),
LOCK,
RCLK
2.2
4
ns
t
CHL
CMOS/TTL
High-to-Low
Transition Time
2.2
4
ns
t
ROS
ROUT (0-9) Setup
Data to RCLK
Figure 12
0.35*t
RCP
0.5*t
RCP
ns
t
ROH
ROUT (0-9) Hold
Data to RCLK
−0.35*t
RCP
−0.5*t
RCP
ns
www.national.com
4


Similar Part No. - DS92LV18_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV18TVV NSC-DS92LV18TVV Datasheet
469Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
Texas Instruments
DS92LV18TVV/NOPB TI1-DS92LV18TVV/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
DS92LV18TVVX/NOPB TI1-DS92LV18TVVX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
DS92LV18 TI1-DS92LV18_15 Datasheet
1Mb / 26P
[Old version datasheet]   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
More results

Similar Description - DS92LV18_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV18 NSC-DS92LV18 Datasheet
469Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
Texas Instruments
DS92LV18 TI1-DS92LV18_15 Datasheet
1Mb / 26P
[Old version datasheet]   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
logo
Texas Instruments
DS92LV1224 TI1-DS92LV1224_15 Datasheet
1Mb / 23P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Deserializer
logo
National Semiconductor ...
DS92LV1023 NSC-DS92LV1023 Datasheet
625Kb / 13P
   40-66 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1023 TI1-DS92LV1023_15 Datasheet
959Kb / 19P
[Old version datasheet]   40-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1023E NSC-DS92LV1023E Datasheet
632Kb / 13P
   30-66 MHz 10 Bit Bus LVDS Serializer
DS92LV16 NSC-DS92LV16 Datasheet
397Kb / 19P
   16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com