Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5239B Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMBZ5239B
Description  350mW Surface Mount Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBZ5239B Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MMBZ5239B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBZ5239B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMBZ5239B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited MMBZ5239B Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited MMBZ5239B Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BL Galaxy Electrical
Production specification
350mW Surface Mount Zener Diode
MMBZ5221B-5259B
Document number: BL/SSZDC064
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Zerner Voltage Range
Maximum Zener Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK=0.25mA
IR
VR
Type Number
Marking
Code
Nom(V)
Min(V)
Max(V)
(mA)
(Ω)
(μA)
(V)
MMBZ5221B
KC1
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5222B
KC2
2.5
2.38
2.63
20
30
1250
100
1.0
MMBZ5223B
KC3
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225B
KC5
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226B
KG1
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227B
KG2
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228B
KG3
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229B
KG4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230B
KG5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMBZ5231B
KE1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232B
KE2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5233B
KE3
6.0
5.7
6.30
20
7
1600
5.0
3.5
MMBZ5234B
KE4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMBZ5235B
KE5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMBZ5236B
KF1
7.5
7.13
7.88
20
6
500
3.0
6.0
MMBZ5237B
KF2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMBZ5238B
KF3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMBZ5239B
KF4
9.1
8.65
9.56
20
10
600
3.0
7.0


Similar Part No. - MMBZ5239B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5239B PANJIT-MMBZ5239B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SHIKUES Electronics
MMBZ5239B SKTECHNOLGY-MMBZ5239B Datasheet
856Kb / 3P
   Planar Die Construction
logo
TAITRON Components Inco...
MMBZ5239B TAITRON-MMBZ5239B Datasheet
192Kb / 5P
   350mW Surface Mount Zener Diodes
logo
Diodes Incorporated
MMBZ5239B DIODES-MMBZ5239B Datasheet
109Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Fairchild Semiconductor
MMBZ5239B FAIRCHILD-MMBZ5239B Datasheet
204Kb / 6P
   Zeners
More results

Similar Description - MMBZ5239B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com