Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMST4401 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMST4401
Description  NPN Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMST4401 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MMST4401 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMST4401 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMST4401 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BL Galaxy Electrical
Production specification
NPN Silicon Epitaxial Planar Transistor
MMST4401
Document number: BL/SSSTF053
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
6
V
Collector cut-off current
ICBO
VCB=35V,IE=0
0.1
μA
Collector cut-off current
ICEO
VCE=35V,IB=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=1V,IC=150mA
VCE=1V,IC=500mA
100
40
300
Collector-emitter saturation voltage
VCE(sat)
IC=150mA,IB=15mA
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC=150mA,IB=15mA
0.95
V
Transition frequency
fT
VCE=10V, IE=20mA
f=100MHz
250
MHz
Collector output capacitance
Cob
VCB=10V, IE=0,f=1MHz
6.5
pF
Delay time
td
15
nS
Rise time
tr
VCC=30V,VBE=2V,
IC=150mA,IB=15mA
20
nS
Storage time
ts
225
nS
Fall time
tf
VCC=30V,IC=150mA,
IB1=IB2=15mA
30
nS


Similar Part No. - MMST4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST4401 TRSYS-MMST4401 Datasheet
194Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST4401 ROHM-MMST4401 Datasheet
104Kb / 4P
   NPN Medium Power Transistor
MMST4401 ROHM-MMST4401 Datasheet
80Kb / 3P
   NPN Medium Power Transistor
MMST4401 ROHM-MMST4401 Datasheet
83Kb / 4P
   NPN Medium Power Transistor
logo
Diodes Incorporated
MMST4401 DIODES-MMST4401 Datasheet
58Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30084 Rev. 3P-1
More results

Similar Description - MMST4401

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com