Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMST2907A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMST2907A
Description  PNP Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMST2907A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MMST2907A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMST2907A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMST2907A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BL Galaxy Electrical
Production specification
PNP Silicon Epitaxial Planar Transistor
MMST2907A
Document number: BL/SSSTF050
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-10
nA
DC current gain
hFE
VCE=-10V,IC=-0.1mA
VCE=-10V,IC=-1.0mA
VCE=-10V,IC=-10mA
VCE=-10V,IC=-150mA
VCE=-10V,IC=-500mA
75
100
100
100
50
300
Collector-emitter saturation voltage
VCE(sat)
IC=-150mA, IB=-15mA
IC=-500mA, IB=-50mA
-0.4
-1.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-150mA, IB=-15mA
IC=-150mA, IB=-15mA
-1.3
-2.6
V
Transition frequency
fT
VCE=-12V, IC= -2mA
f=30MHz
140
MHz
Collector output capacitance
Cobo
VCB=-10V,IE=0,f=1MHz
8
pF
Collector input capacitance
Cibo
VEB=-2.0V,IC=0,f=1MHz
30
pF
Turn-on time
ton
Delay time
td
Rise time
tr
VCC=-30V,IC=-150mA,
IB1=-15mA
Turn-off time
toff
Storage time
ts
Fall time
tf
VCC=-6.0V,IC=-150mA,
IB1=IB2=-15mA


Similar Part No. - MMST2907A

ManufacturerPart #DatasheetDescription
logo
Rohm
MMST2907A ROHM-MMST2907A Datasheet
79Kb / 4P
   PNP Medium Power Transistor (Switching)
logo
Galaxy Semi-Conductor H...
MMST2907A BILIN-MMST2907A Datasheet
153Kb / 3P
   PNP Silicon Epitaxial Planar Transistor
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
logo
Jiangsu Changjiang Elec...
MMST2907A JIANGSU-MMST2907A Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
85Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 8 - 2
More results

Similar Description - MMST2907A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com