Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5221B Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMBZ5221B
Description  350mW Surface Mount Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBZ5221B Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MMBZ5221B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBZ5221B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMBZ5221B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited MMBZ5221B Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited MMBZ5221B Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BL Galaxy Electrical
Production specification
350mW Surface Mount Zener Diode
MMBZ5221B-5259B
Document number: BL/SSZDC064
www.galaxycn.com
Rev.A
1
FEATURES
Planar Die Construction.
350mw Power Dissipation.
General purpose, medium current.
Ideally Suited For Automated Assembly Prcesses.
APPLICATIONS
350Mw Surface mount zener diode
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBZ5221B-MMBZ5259B
See Table on page2
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Valtage@IF=10mA
VF
0.9
V
Power Dissipation
Pd
350
mW
Thermal Resistance, Junction to Ambient Air
RθjA
357
℃/W
Operating and Storage Temperature Range
TjTstg
-65 to+150
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, TP≤1.0ms.
Pb
Lead-free


Similar Part No. - MMBZ5221B

ManufacturerPart #DatasheetDescription
logo
RFE international
MMBZ5221B RFE-MMBZ5221B Datasheet
2Mb / 3P
   Zener Diodes
27-07-2022
logo
Pan Jit International I...
MMBZ5221B PANJIT-MMBZ5221B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
MMBZ5221B SEMTECH_ELEC-MMBZ5221B Datasheet
313Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Jiangsu Changjiang Elec...
MMBZ5221B JIANGSU-MMBZ5221B Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
More results

Similar Description - MMBZ5221B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com