Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9530V14I Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9530V14I
Description  Temperature Compensated Laser Diode Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9530V14I Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9530V14I Datasheet HTML 7Page - Intersil Corporation X9530V14I Datasheet HTML 8Page - Intersil Corporation X9530V14I Datasheet HTML 9Page - Intersil Corporation X9530V14I Datasheet HTML 10Page - Intersil Corporation X9530V14I Datasheet HTML 11Page - Intersil Corporation X9530V14I Datasheet HTML 12Page - Intersil Corporation X9530V14I Datasheet HTML 13Page - Intersil Corporation X9530V14I Datasheet HTML 14Page - Intersil Corporation X9530V14I Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
FN8211.1
November 11, 2005
By examining the block diagram in Figure 5, we see
that the maximum current through pin I1 is set by fixing
values for V(VRef) and R1. The output current can
then be varied by changing the data byte at the D/A
converter input.
In general, the magnitude of the current at the D/A
converter output pins (I1, I2) may be calculated by:
Ix = (V(VRef) / (384 • Rx)) • N
where x = 1,2 and N is the decimal representation of
the input byte to the corresponding D/A converter.
The value for the resistor Rx (x = 1,2) determines the
full scale output current that the D/A converter may
sink or source. The full scale output current has a
maximum value of ±1.6 mA, which is obtained using a
resistance of 510
Ω for Rx. This resistance may be
connected externally to pin Rx of the X9530, or may
be selected from one of three internal values. Bits
I1FSO1 and I1FSO0 select the full scale output
current setting for I1 as described in “I1FSO1 -
I1FSO0: Current Generator 1 Full Scale Output Set
Bits (Non-volatile)” on page 6. Bits I2FSO1 and
I2FSO0 select the maximum current setting for I2 as
described in “I2FSO1–I2FSO0: Current Generator 2
Full Scale Output Current Set Bits (Non-volatile)” on
page 7. When an internal resistor is selected for R1 or
R2, then no resistor should be connected externally at
the corresponding pin.
Bits I1DS and I2DS in Control Register 0 select the
direction of the currents through pins I1 and I2
independently (See “I1DS: Current Generator 1
Direction Select Bit (Non-volatile)” on page 4 and
“Control and Status Register Format” on page 5).
D/A Converter Output Current Response
When the D/A converter input data byte changes by
an arbitrary number of bits, the output current changes
from an intial current level (Ix) to some final level
(Ix + ΔIx). The transition is monotonic and glitchless.
D/A Converter Control
The data byte inputs of the D/A converters can be
controlled in three ways:
– 1) With the A/D converter and through the look-up
tables (default),
– 2) Bypassing the A/D converter and directly access-
ing the look-up tables,
– 3) Bypassing both the A/D converter and look-up
tables, and directly setting the D/A converter input
byte.
The options are summarized in the following tables:
D1
D0
Select
ADC
AD[5:0]
LUT1 Row
LUT2 Row
Out
D1
D0
Select
Voltage
Voltage Input
Selection bits
Selection bits
Reference
Out
L2DA[5:0]:
Control
Register 2
L1DA[5:0]:
Control
Register 1
L2DAS: bit 6 in
Control register 5
L1DAS: bit 4 in
Control register 5
6
6
Status
Register
Figure 7. Look-Up Table Addressing
X9530


Similar Part No. - X9530V14I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530V14I XICOR-X9530V14I Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530V14I INTERSIL-X9530V14I Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530V14I RENESAS-X9530V14I Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
X9530V14IZ RENESAS-X9530V14IZ Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
More results

Similar Description - X9530V14I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODE
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com