Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X96011V14I Datasheet(PDF) 9 Page - Intersil Corporation

Part # X96011V14I
Description  Temperature Sensor with Look-Up Table Memory and DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96011V14I Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X96011V14I Datasheet HTML 5Page - Intersil Corporation X96011V14I Datasheet HTML 6Page - Intersil Corporation X96011V14I Datasheet HTML 7Page - Intersil Corporation X96011V14I Datasheet HTML 8Page - Intersil Corporation X96011V14I Datasheet HTML 9Page - Intersil Corporation X96011V14I Datasheet HTML 10Page - Intersil Corporation X96011V14I Datasheet HTML 11Page - Intersil Corporation X96011V14I Datasheet HTML 12Page - Intersil Corporation X96011V14I Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN8215.2
February 25, 2008
Control Register 1
This register is accessed by performing a Read or Write
operation to address 81h of memory. This byte’s volatility is
determined by bit NV13 in Control register 0.
LDA5 - LDA0: LUT DIRECT ACCESS BITS
When bit LDAS (bit 4 in Control register 5) is set to “1”, the LUT
is addressed by these six bits, and it is not addressed by the
output of the on-chip A/D converter. When bit LDAS is set to
“0”, these six bits are ignored by the X96011. See Figure 7.
A value between 00h (0010) and 3Fh (6310) may be written to
these register bits, to select the corresponding row in the
LUT. The written value is added to the base address of the
LUT (90h).
Control Register 3
This register is accessed by performing a Read or Write
operation to address 83h of memory. This byte’s volatility is
determined by bit NV13 in Control register 0.
DDA7 - DDA0: D/A DIRECT ACCESS BITS
When bit DDAS (bit 5 in Control register 5) is set to “1”, the
input to the D/A converter is the content of bits DDA7-DDA0,
and it is not a row of LUT. When bit DDAS is set to “0” (default)
these eight bits are ignored by the X96011. See Figure 6.
Control Register 5
This register is accessed by performing a Read or Write
operation to address 85h of memory.
IFSO1 - IFSO0: CURRENT GENERATOR FULL SCALE
OUTPUT SET BITS (NON-VOLATILE)
These two bits are used to set the full scale output current at
the Current Generator pin, Iout, according to the following
table. The direction of this current is set by bit IDS in Control
register 0. See Figure 5.
LDAS: LUT DIRECT ACCESS SELECT BIT
(NON-VOLATILE)
When bit LDAS is set to “0” (default), the LUT is addressed
by the output of the on-chip A/D converter. When bit LDAS is
set to “1”, LUT is addressed by bits LDA5 - LDA0.
DDAS: D/A DIRECT ACCESS SELECT BIT
(NON-VOLATILE)
When bit DDAS is set to “0” (default), the input to the D/A
converter is a row of the LUT. When bit DDAS is set to “1”,
that input is the content of the Control register 3.
Control Register 6
This register is accessed by performing a Read or Write
operation to address 86h of memory.
WEL: WRITE ENABLE LATCH (VOLATILE)
The WEL bit controls the Write Enable status of the entire
X96011 device. This bit must be set to “1” before any other
Write operation (volatile or nonvolatile). Otherwise, any
proceeding Write operation to memory is aborted and no ACK
is issued after a Data Byte.
• The WEL bit is a volatile latch that powers up in the “0”
state (disabled). The WEL bit is enabled by writing
100000002 to Control register 6. Once enabled, the WEL
bit remains set to “1” until the X96011 is powered down,
and then up again, or until it is reset to “0” by writing
000000002 to Control register 6.
A Write operation that modifies the value of the WEL bit will not
cause a change in other bits of Control register 6.
Status Register - ADC Output
This register is accessed by performing a Read operation to
address 87h of memory.
AD7 - AD0: A/D CONVERTER OUTPUT BITS (READ
ONLY)
This byte is the binary output of the on-chip digital
thermometer. The output is 000000002 for -40°C and
111111112 for +100°C. The six MSBs select a row of the LUT.
Look-Up Table
The X96011 memory array contains a 64-byte look-up table.
The look-up table is associated to pin Iout’s output current
generator through the D/A converter. The output of the look-up
table is the byte contained in the selected row. By default this
byte is the input to the D/A converter driving pin IOUT.
The byte address of the selected row is obtained by adding
the look-up table base address 90h, and the appropriate row
selection bits. See Figure 6.
By default the look-up table selection bits are the 6
MSBs of the digital thermometer output. Alternatively, the
A/D converter can be bypassed and the six row selection
bits are the six LSBs of Control Register 1 for the LUT.
The selection between these options is illustrated in
Figure 6.
Current Generator Block
The Current Generator pin Iout is the output of the current
mode D/A converter.
D/A Converter Operation
The Block Diagram for the D/A converter is shown in
Figure 5.
The input byte of the D/A converter selects a voltage on the
non-inverting input of an operational amplifier. The output of
the amplifier drives the gate of a FET. This node is also fed
back to the inverting input of the amplifier. The drain of the
FET is connected to the output current pin (IOUT) via a
“polarity select” circuit block.
I1FSO1
I1FSO0
I1 Full Scale Output Current
0
0
Reserved (Don’t Use)
01
±0.4mA
10
±0.85 mA
11
±1.3 mA (Default)
X96011


Similar Part No. - X96011V14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96011V14I INTERSIL-X96011V14I Datasheet
335Kb / 23P
   Temperature Sensor with Look Up Table Memory and DAC
logo
Renesas Technology Corp
X96011V14I RENESAS-X96011V14I Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
logo
Intersil Corporation
X96011V14IZ INTERSIL-X96011V14IZ Datasheet
335Kb / 23P
   Temperature Sensor with Look Up Table Memory and DAC
logo
Renesas Technology Corp
X96011V14IZ RENESAS-X96011V14IZ Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
More results

Similar Description - X96011V14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96011 INTERSIL-X96011 Datasheet
335Kb / 23P
   Temperature Sensor with Look Up Table Memory and DAC
logo
Renesas Technology Corp
X96011 RENESAS-X96011 Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
X96010 RENESAS-X96010 Datasheet
438Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
logo
Intersil Corporation
X96010 INTERSIL-X96010 Datasheet
372Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
logo
Renesas Technology Corp
X96012 RENESAS-X96012 Datasheet
478Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
logo
Intersil Corporation
X96012 INTERSIL-X96012 Datasheet
383Kb / 27P
   Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
X96012 INTERSIL-X96012_08 Datasheet
354Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com