Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59440IAZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL59440IAZ
Description  400MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59440IAZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL59440IAZ Datasheet HTML 1Page - Intersil Corporation ISL59440IAZ Datasheet HTML 2Page - Intersil Corporation ISL59440IAZ Datasheet HTML 3Page - Intersil Corporation ISL59440IAZ Datasheet HTML 4Page - Intersil Corporation ISL59440IAZ Datasheet HTML 5Page - Intersil Corporation ISL59440IAZ Datasheet HTML 6Page - Intersil Corporation ISL59440IAZ Datasheet HTML 7Page - Intersil Corporation ISL59440IAZ Datasheet HTML 8Page - Intersil Corporation ISL59440IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6162.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL59440
400MHz Multiplexing Amplifier
The ISL59440 is a 400MHz bandwidth 4:1 multiplexing
amplifier designed primarily for video switching. This Mux-
amp has user-settable gain and also features a high speed
three-state function to enable the output of multiple devices to
be wired together. All logic inputs have pull-downs to ground
and may be left floating. The ENABLE pin, when pulled high,
sets the ISL59440 to the low current power-down mode for
power sensitive applications - consuming just 5mW.
Features
• 411MHz (-3dB) Bandwidth (AV = 1, VOUT = 100mVP-P)
• 200MHz (-3dB) Bandwidth (AV = 2, VOUT = 2VP-P)
• Slew Rate (AV = 1, RL = 500Ω, VOUT = 4V) . . . . .1053V/µs
• Slew Rate (AV = 2, RL = 500Ω, VOUT = 5V) . . . . .1470V/µs
• Adjustable Gain
• High Speed Three-state Output (HIZ)
• Low Current Power-down. . . . . . . . . . . . . . . . . . . . . . 5mW
• Pb-Free Available (RoHS Compliant)
Applications
• HDTV/DTV Analog Inputs
• Video Projectors
• Computer Monitors
• Set-top Boxes
• Security Video
• Broadcast Video Equipment
TABLE 1. CHANNEL SELECT LOGIC TABLE
S1
S0
ENABLE
HIZ
OUTPUT
00
0
0
IN0
01
0
0
IN1
10
0
0
IN2
11
0
0
IN3
X
X
1
X
Power Down
XX
0
1
High Z
Pinout
ISL59440
(16 LD QSOP)
TOP VIEW
Functional Diagram
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
NIC
IN0
NIC
IN3
ENABLE
HIZ
IN-
V+
S0
IN1
GND
IN2
NIC
OUT
V-
S1
-
+
DECODE
IN0
IN1
IN2
IN3
S0
S1
EN0
EN1
EN3
EN2
HIZ
ENABLE
AMPLIFIER BIAS
OUT
+
-
IN-
ENABLE pin must be low in order to activate the HIZ state
Ordering Information
PART NUMBER
PART MARKING
PACKAGE
PKG. DWG.
#
ISL59440IA*
59440 IA
16 Ld QSOP
MDP0040
ISL59440IAZ*
(Note)
59440 IAZ
16 Ld QSOP
(Pb-free)
MDP0040
*Add “-T7” or “-T13” suffix for tape and reel. Please refer to TB347
for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
October 10, 2007


Similar Part No. - ISL59440IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59440IAZ INTERSIL-ISL59440IAZ Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440IAZ RENESAS-ISL59440IAZ Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440IAZ-T13 INTERSIL-ISL59440IAZ-T13 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440IAZ-T7 INTERSIL-ISL59440IAZ-T7 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
More results

Similar Description - ISL59440IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com