Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97632IRT18Z-TK Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL97632IRT18Z-TK
Description  White LED Driver with Digital Dimming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97632IRT18Z-TK Datasheet(HTML) 4 Page - Intersil Corporation

  ISL97632IRT18Z-TK Datasheet HTML 1Page - Intersil Corporation ISL97632IRT18Z-TK Datasheet HTML 2Page - Intersil Corporation ISL97632IRT18Z-TK Datasheet HTML 3Page - Intersil Corporation ISL97632IRT18Z-TK Datasheet HTML 4Page - Intersil Corporation ISL97632IRT18Z-TK Datasheet HTML 5Page - Intersil Corporation ISL97632IRT18Z-TK Datasheet HTML 6Page - Intersil Corporation ISL97632IRT18Z-TK Datasheet HTML 7Page - Intersil Corporation ISL97632IRT18Z-TK Datasheet HTML 8Page - Intersil Corporation ISL97632IRT18Z-TK Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN9239.3
February 22, 2008
Single-Wire Serial Interface
The ISL97632 uses a simple single-wire serial interface for
programming the output brightness of the LEDs. A 5-bit
interface is used to give a total of 32 levels of output
brightness. The interface uses a normally high connection
for use with open-drain driving schemes and Intersil’s
proprietary XSD bus. When held low for between 15µs and
45µs, the interface registers a logic 1. When held low for
between 90µs and 120µs the interface registers a logic 0.
When held low for greater that 215µs, the interface loads the
last 5 bits into the brightness control register and updates
the brightness level. The required minimum high time is 3µs.
This simple single-wire programming is summarized as
follow:
• Logic 0 = Negative pulse >90µs and <120µs
• Logic 1 = Negative pulse >15µs and <45µs
• Load = Negative pulse >215µs
Figure 1 shows an example of programming a binary code of
10100 and load it in to the device serial register.
The serial interface is automatically reset to 0 when the
device is disabled, or enters UVLO. Therefore, when the part
is enabled, the output brightness is automatically set to the
minimum level.
30µs
100µs
220µs
'1'
'0'
'1'
'0'
'0'
'LOAD'
0
200
400
600
800
1000
1200
µs
FIGURE 1. SINGLE-WIRE XSD INTERFACE
ISL97632


Similar Part No. - ISL97632IRT18Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97632IRT18Z-TK INTERSIL-ISL97632IRT18Z-TK Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
More results

Similar Description - ISL97632IRT18Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
logo
New Japan Radio
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
NJU6052 NJRC-NJU6052 Datasheet
209Kb / 23P
   White LED Driver with Automatic Dimming Control
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Fitipower Integrated Te...
FP6745 FITIPOWER-FP6745 Datasheet
633Kb / 11P
   High-Efficiency, 40V White LED Driver with Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com