Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97634 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL97634
Description  White LED Driver with Wide PWM Dimming Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97634 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL97634 Datasheet HTML 2Page - Intersil Corporation ISL97634 Datasheet HTML 3Page - Intersil Corporation ISL97634 Datasheet HTML 4Page - Intersil Corporation ISL97634 Datasheet HTML 5Page - Intersil Corporation ISL97634 Datasheet HTML 6Page - Intersil Corporation ISL97634 Datasheet HTML 7Page - Intersil Corporation ISL97634 Datasheet HTML 8Page - Intersil Corporation ISL97634 Datasheet HTML 9Page - Intersil Corporation ISL97634 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN6264.3
March 7, 2008
SEPIC Operation
For applications where the output voltage is not always
above the input voltage, a buck or boost regulation is
needed. A SEPIC (Single Ended Primary Inductance
Converter) topology, shown in Figure 18, can be considered
for such an application. A single cell Li-ion battery operating
a cellular phone backlight or flashlight is one example. The
battery voltage is between 2.5V and 4.2V, depending on the
state of charge. On the other hand, the output may require
only one 3V to 4V medium power LED for illumination
because the light guard of the backlight assembly is
optimized for cost efficiency trade-off reason.
In fact, a SEPIC configured LED driver is flexible enough to
allow the output to be well above or below the input voltage,
unlike the previous example. Another example is when the
number of LEDs and input requirements are different from
platform to platform, a common circuit and PCB that fit all the
platforms in some cases may be beneficial enough that it
outweighs the disadvantage of adding additional component
cost. L1 and L2 can be a coupled inductor in one package.
The simplest way to understand SEPIC topology is to think
about it as a boost regulator where the input voltage is level
shifted downward at the same magnitude and the lowest
reference level starts at -VIN rather than 0V.
The SEPIC works as follows; assume the circuit in Figure 18
operates normally when the ISL97634 internal switch opens
and it is in the PWM off state. After a short duration where few
LC time constants elapsed, the circuit is considered in the
steady-state within the PWM off period that L1 and L2 are
shorted. VB is therefore shorted to the ground and C3 is
charged to VIN with VA = VIN. When the ISL97634 internal
switch closes and the circuit is in the PWM on-state, VA is now
pulled to ground. Since the voltage in C3 cannot be changed
instantaneously, VB is shifted downward and becomes -VIN.
The next cycle when the ISL97634 switch opens, VB boosts
up to the targeted output like the standard boost regulator
operation, except the lowest reference point is at -VIN. The
output is approximated in Equation 9:
where D is the on-time of the PWM duty cycle.
The convenience of SEPIC comes with some trade-off in
addition to the additional L and C costs. The efficiency is
usually lowered because of the relatively large efficiency loss
through the Schottky diode if the output voltage is low. The L2
series resistance also contributes additional loss. Figure 19
shows the efficiency measurement of a single LED application
as the input varies between 2.7V and 4.2V.
Note VB is considered the level-shifted LX node of a standard
boost regulator. The higher the input voltage, the lower the VB
voltage will be during PWM on period. The result is that the
efficiency will be lower at higher input voltages because the
SEPIC has to work harder to boost up to the required level.
This behavior is the opposite to the standard boost regulator’s
and the comparison is shown in Figure 19.
PCB Layout Considerations
The layout is very important for the converter to function
properly. RSET must be located as close as possible to the FB
and GND pins. Longer traces to the LEDs are acceptable.
Similarly, the supply decoupling cap and the output filter cap
should be as close as possible to the VIN and VOUT pins.
The heat of the IC is mainly dissipated through the thermal pad
of the package. Maximizing the copper area connected to this
pad if possible. In addition, a solid ground plane is always
helpful for the EMI performance.
FIGURE 17. CONCEPTUAL 8 LEDs HIGH VOLTAGE DRIVER
VOUT
LX
ISL97634
PWM/EN
VIN
FBSW
GND
FB
R1
6.3
Ω
D3
D4
D5
D6
D7
D8
L1
2.2µ
12
VIN = 2.7V TO 5.5V
C3 4.7µF
D0
10BQ100
M1
FQT13N06L
D1
C1
1µF
SK011C226KAR
C2
0.1µF
D2
FIGURE 18. SEPIC LED DRIVER
C1
1µF
L1
22µH
1
2
VA
VB
VIN = 2.7V TO 5.5V
22µH
L2
C3
1µF
C4
0.22µF
D1
R1
1
Ω
C2
0.1µF
VIN
SDIN
LX
VOUT
FBSW
FB
GND
ISL97634
D0
V
OUT
V
IN
D
1D
()
------------------
=
(EQ. 9)
0
510
15
20
ILED (mA)
76
72
68
64
60
1 LED
L1 = L2 = 22µH
C3 = 1µF
R1 = 4.7Ω
FIGURE 19. EFFICIENCY MEASUREMENT OF A SINGLE LED
SEPIC DRIVER
VIN = 4.2V
VIN = 2.7V
ISL97634


Similar Part No. - ISL97634

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634 Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
More results

Similar Description - ISL97634

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
BCD Semiconductor Manuf...
AP3605 BCDSEMI-AP3605_10 Datasheet
702Kb / 13P
   4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com