Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C11 Datasheet(PDF) 5 Page - Galaxy Semi-Conductor Holdings Limited

Part # BZX84C11
Description  350mW Surface Mount Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BZX84C11 Datasheet(HTML) 5 Page - Galaxy Semi-Conductor Holdings Limited

  BZX84C11 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BZX84C11 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BZX84C11 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BZX84C11 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited BZX84C11 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BL Galaxy Electrical
Production specification
350mW Surface Mount Zener Diode
BZX84C2V4-BZX84C51
Document number: BL/SSZDC045
www.galaxycn.com
Rev.A
5
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOT-23
Dim
Min
Max
A
2.85
2.95
B
1.25
1.35
C
1.0Typical
D
0.37
0.43
E
0.35
0.48
G
1.85
1.95
H
0.02
0.1
J
0.1Typical
K
2.35
2.45
All Dimensions in mm
SOLDERING FOOTPRINT
G
K
H
J
E
D
C
B
A
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
BZX84C2V4-BZX84C51
SOT-23
3000/Tape&Reel


Similar Part No. - BZX84C11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C11 VISHAY-BZX84C11 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
KEC(Korea Electronics)
BZX84C11 KEC-BZX84C11 Datasheet
363Kb / 3P
   SEMICONDUCTOR
logo
Diotec Semiconductor
BZX84C11 DIOTEC-BZX84C11 Datasheet
126Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Jiangsu Changjiang Elec...
BZX84C11 JIANGSU-BZX84C11 Datasheet
134Kb / 3P
   Plastic-Encapsulate Diode
logo
Shanghai Leiditech Elec...
BZX84C11 LEIDITECH-BZX84C11 Datasheet
1Mb / 5P
   Planar Die Construction
More results

Similar Description - BZX84C11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com