Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26JB12000A Datasheet(PDF) 6 Page - International Rectifier

Part # 26JB12000A
Description  SINGLE PHASE BRIDGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

26JB12000A Datasheet(HTML) 6 Page - International Rectifier

  26JB12000A Datasheet HTML 1Page - International Rectifier 26JB12000A Datasheet HTML 2Page - International Rectifier 26JB12000A Datasheet HTML 3Page - International Rectifier 26JB12000A Datasheet HTML 4Page - International Rectifier 26JB12000A Datasheet HTML 5Page - International Rectifier 26JB12000A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MB & JB Series
6
Bulletin I2715 rev. E 08/97
www.irf.com
Fig. 11 - Current Ratings Chracteristics
Fig. 12 - Forward Voltage Drop Characteristics
Fig. 13 - Total Power Loss Characteristics
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
50
70
90
110
130
150
0
5
10
15
20
25
30
35
40
Average Forward Current (A)
36MB..A Series
35MB..A Series
180°
(Rect)
180°
(Sine)
1
10
100
1000
0.511.5
22.533.5
Instantaneous Forward Voltage (V)
36MB..A Series
35MB..A Series
T = 25°C
J
T = 150°C
J
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
R
=
0.7
K/W
- D
elta
R
thS
A
1 K
/W
2K
/W
3 K/W
4 K/W
5 K/W
7 K/W
0
20
40
60
80
0
5
10
15
20
25
30
35
180°
(Sine)
180°
(Rect)
Average Forward Current (A)
36MB..A Series
35MB..A Series
T = 150°C
J
100
150
200
250
300
350
400
450
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
36MB..A Series
35MB..A Series
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J
36MB..A Series
35MB..A Series


Similar Description - 26JB12000A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GBPC3512 IRF-GBPC3512 Datasheet
270Kb / 6P
   SINGLE PHASE BRIDGE
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
   SINGLE PHASE BRIDGE
26MB IRF-26MB Datasheet
46Kb / 6P
   SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
   SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
   SINGLE PHASE BRIDGE
logo
International Rectifier
GBPC IRF-GBPC Datasheet
131Kb / 6P
   SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0008 SSDI-RA0008 Datasheet
26Kb / 2P
   SINGLE PHASE BRIDGE
RA0011B SSDI-RA0011B Datasheet
108Kb / 2P
   SINGLE PHASE BRIDGE
RH0237 SSDI-RH0237 Datasheet
27Kb / 2P
   SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D_15 Datasheet
120Kb / 2P
   SINGLE PHASE BRIDGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com