Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9910B Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV9910B
Description  Universal High Brightness LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9910B Datasheet(HTML) 6 Page - Supertex, Inc

  HV9910B Datasheet HTML 1Page - Supertex, Inc HV9910B Datasheet HTML 2Page - Supertex, Inc HV9910B Datasheet HTML 3Page - Supertex, Inc HV9910B Datasheet HTML 4Page - Supertex, Inc HV9910B Datasheet HTML 5Page - Supertex, Inc HV9910B Datasheet HTML 6Page - Supertex, Inc HV9910B Datasheet HTML 7Page - Supertex, Inc HV9910B Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HV9910B
Pin Description
Block Diagram
Pin #
Function
Description
8-Lead SOIC
16-Lead SOIC
1
1
VIN
This pin is the input of an 8.0 - 450V linear regulator.
24
CS
This pin is the current sense pin used to sense the FET current by means
of an external sense resistor. When this pin exceeds the lower of either the
internal 250mV or the voltage at the LD pin, the GATE output goes low.
3
5
GND
Ground return for all internal circuitry. This pin must be electrically con-
nected to the ground of the power train.
48
GATE
This pin is the output GATE driver for an external N-channel power
MOSFET.
5
9
PWMD
This is the PWM dimming input of the IC. When this pin is pulled to GND,
the GATE driver is turned off. When the pin is pulled high, the GATE driver
operates normally.
6
12
VDD
This is the power supply pin for all internal circuits.
It must be bypassed with a low ESR capacitor to GND (≥0.1μF).
713
LD
This pin is the linear dimming input and sets the current sense threshold as
long as the voltage at the pin is less than 250mV (typ).
814
RT
This pin sets the oscillator frequency. When a resistor is connected be-
tween RT and GND, the HV9910B operates in constant frequency mode.
When the resistor is connected between RT and GATE, the IC operates in
constant off-time mode.
-
2, 3, 6, 7, 10,
11, 15, 16
NC
No connection
POR
250mV
RT
PWMD
GATE
VDD
VIN
LD
CS
GND
S
R Q
Blanking
Oscillator
Regulator
+
-
+
-


Similar Part No. - HV9910B

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Microchip Technology
HV9910B MICROCHIP-HV9910B Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910BLG-G SUTEX-HV9910BLG-G Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Microchip Technology
HV9910BLG-G MICROCHIP-HV9910BLG-G Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910BNG-G SUTEX-HV9910BNG-G Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
More results

Similar Description - HV9910B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Microchip Technology
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910 SUTEX-HV9910 Datasheet
442Kb / 11P
   Universal High Brightness LED Driver
logo
First Silicon Co., Ltd
FC9910B FS-FC9910B Datasheet
600Kb / 10P
   Universal High Brightness LED Driver
logo
SHOUDING Shouding Semic...
SD3390B SHOUDING-SD3390B Datasheet
1Mb / 4P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com