Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC846W Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BC846W
Description  NPN Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC846W Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BC846W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC846W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC846W Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BL Galaxy Electrical
Production specification
NPN Silicon Epitaxial Planar Transistor
BC846W/BC847W/BC848W
Document number: BL/SSSTF045
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown
voltage
V(BR)CBO
IC=100μA,IE=0
BC846W
BC847W
BC848W
80
50
30
V
Collector-emitter breakdown
voltage
V(BR)CEO
IC=1mA,IB=0
BC846W
BC847W
BC848W
65
45
30
V
Emitter-base breakdown
voltage
V(BR)EBO
IE=100μA,IC=0
BC846W
BC847W
BC848W
6
6
5
V
Collector cut-off current
ICBO
VCB=30V,IE=0
15
nA
Emitter cut-off current
IEBO
VEB=5V,IC=0
100
nA
VCE=5V,IC=10μA
BC846AW,BC847AW
BC846BW,BC847BW,BC848BW
BC847CW,BC848CW
90
150
270
DC current gain
hFE
VCE=2V,IC=100mA
BC846AW,BC847AW
BC846BW,BC847BW,BC848BW
BC847CW,BC848CW
110
200
420
180
290
520
220
450
800
Collector-emitter saturation
voltage
VCE(sat)
IC=10mA, IB= 0.5mA
90
250
mV
Base-emitter saturation
voltage
VBE(sat)
IC=10mA, IB= 0.5mA
700
V
Transition frequency
fT
VCE=5V,IC=10mA,f=100MHz
100
MHz
Collector capacitance
CC
VCB=10V,IE=0,f=1MHz
3
pF


Similar Part No. - BC846W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846W PHILIPS-BC846W Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
Central Semiconductor C...
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Foshan Blue Rocket Elec...
BC846W FOSHAN-BC846W Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
logo
KEC(Korea Electronics)
BC846W KEC-BC846W Datasheet
251Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
NXP Semiconductors
BC846W NXP-BC846W Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
More results

Similar Description - BC846W

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com