Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4054ES5-4.2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4054ES5-4.2
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4054ES5-4.2 Datasheet(HTML) 5 Page - Linear Technology

  LTC4054ES5-4.2 Datasheet HTML 1Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 2Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 3Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 4Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 5Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 6Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 7Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 8Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC4054-4.2/LTC4054X-4.2
405442xf
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
28
25
23
19
16
13
10
–25
025
50
4054 G13
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
50
40
30
20
10
0
4054 G14
VCC (V)
4.0
50
40
30
20
10
0
4.5
5.0
5.5
6.0
4054 G15
6.5
7.0
4054 G16
3.000
2.975
2.950
2.925
2.900
2.875
2.850
2.825
2.800
VBAT (V)
2.7
3.0
3.3
3.9
3.6
4.2
4.5
4054 G17
600
500
400
300
200
100
0
600
500
400
300
200
100
0
VCC (V)
4.0
600
500
400
300
200
100
0
4.5
5.0
5.5
6.0
4054 G18
6.5
7.0
4.11
4.09
4.07
4.05
4.03
4.01
3.99
4054 G20
TEMPERATURE (
°C)
–50
25
75
4054 G19
–25
0
50
100
125
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
700
650
600
550
500
450
400
350
4054 G21
VCC = 5V
VBAT = 4.3V
VCHRG = 5V
VCC = 5V
VBAT = 2.5V
VBAT = 2.5V
TA = 25°C
VBAT = 4V
TA = 25°C
θJA = 80°C/W
ONSET OF
THERMAL
REGULATION
VCC = 5V
θJA = 125°C/W
RPROG = 2k
VCC = 5V
RPROG = 10k
VCC = 5V
VBAT = 4V
θJA = 80°C/W
VCC = 5V
RPROG = 10k
VCC = 4.2V
IBAT = 100mA
RPROG = 2k
RPROG = 2k
RPROG = 10k
RPROG = 10k
RPROG = 2k
RPROG = 10k
RPROG = 2k
RPROG = 10k
RPROG = 2k
TA = 40°C
TA = 25°C
TA = 0°C
ONSET OF
THERMAL
REGULATION
TYPICAL PERFOR A CE CHARACTERISTICS
CHRG Pin Current vs Temperature
(Weak Pull-Down State)
Trickle Charge Current
vs Temperature
Trickle Charge Current vs
Supply Voltage
Trickle Charge Threshold vs
Temperature
Charge Current vs Battery Voltage
Charge Current vs Supply Voltage
Charge Current vs Ambient
Temperature
Recharge Voltage Threshold
vs Temperature
Power FET “ON” Resistance
vs Temperature


Similar Part No. - LTC4054ES5-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4054 LINEAR-LTC4054 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4054 LINER-LTC4054 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4054 LINER-LTC4054 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4054 LINER-LTC4054 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LTC4054ES5-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
   800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com