Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4054ES5-4.2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4054ES5-4.2
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4054ES5-4.2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4054ES5-4.2 Datasheet HTML 5Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 6Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 7Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 8Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 9Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 10Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 11Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 12Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC4054-4.2/LTC4054X-4.2
405442xf
than 2
µA and the supply current to less than 50µA. A new
charge cycle can be initiated by reconnecting the program
resistor.
In manual shutdown, the CHRG pin is in a weak pull-down
state as long as VCC is high enough to exceed the UVLO
conditions. The CHRG pin is in a high impedance state if
the LTC4054 is in undervoltage lockout mode: either VCC
is within 100mV of the BAT pin voltage or insufficient voltage
is applied to the VCC pin.
Automatic Recharge
Once the charge cycle is terminated, the LTC4054 continu-
ously monitors the voltage on the BAT pin using a com-
parator with a 2ms filter time (tRECHARGE). A charge cycle
restarts when the battery voltage falls below 4.05V (which
corresponds to approximately 80% to 90% battery capac-
ity). This ensures that the battery is kept at or near a fully
charged condition and eliminates the need for periodic
charge cycle initiations. CHRG output enters a strong pull-
down state during recharge cycles.
OPERATIO
lockout conditions. A weak pull-down indicates that VCC
meets the UVLO conditions and the LTC4054 is ready to
charge. High impedance indicates that the LTC4054 is in
undervoltage lockout mode: either VCC is less than 100mV
above the BAT pin voltage or insufficient voltage is applied
to the VCC pin. A microprocessor can be used to distin-
guish between these three states—this method is dis-
cussed in the Applications Information section.
Thermal Limiting
An internal thermal feedback loop reduces the programmed
charge current if the die temperature attempts to rise
above a preset value of approximately 120
°C. This feature
protects the LTC4054 from excessive temperature and
allows the user to push the limits of the power handling
capability of a given circuit board without risk of damaging
the LTC4054. The charge current can be set according to
typical (not worst-case) ambient temperature with the
assurance that the charger will automatically reduce the
current in worst-case conditions. ThinSOT power consid-
erations are discussed further in the Applications Informa-
tion section.
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the input
voltage and keeps the charger in shutdown mode until VCC
rises above the undervoltage lockout threshold. The UVLO
circuit has a built-in hysteresis of 200mV. Furthermore, to
protect against reverse current in the power MOSFET, the
UVLO circuit keeps the charger in shutdown mode if VCC
falls to within 30mV of the battery voltage. If the UVLO
comparator is tripped, the charger will not come out of
shutdown mode until VCC rises 100mV above the battery
voltage.
Manual Shutdown
At any point in the charge cycle, the LTC4054 can be put
into shutdown mode by removing RPROG thus floating the
PROG pin. This reduces the battery drain current to less
TRICKLE CHARGE
MODE
1/10TH FULL CURRENT
BAT > 2.9V
BAT < 2.9V
BAT > 2.9V
CHRG: STRONG
PULL-DOWN
CHARGE MODE
FULL CURRENT
CHRG: STRONG
PULL-DOWN
SHUTDOWN MODE
CHRG: Hi-Z IN UVLO
WEAK PULL-DOWN
OTHERWISE
PROG
RECONNECTED
OR
UVLO CONDITION
STOPS
PROG FLOATED
OR
UVLO CONDITION
ICC DROPS TO <25µA
POWER ON
PROG < 100mV
STANDBY MODE
NO CHARGE CURRENT
CHRG: WEAK
PULL-DOWN
2.9V < BAT < 4.05V
405442 F01
Figure 1. State Diagram of a Typical Charge Cycle


Similar Part No. - LTC4054ES5-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4054 LINEAR-LTC4054 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4054 LINER-LTC4054 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4054 LINER-LTC4054 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4054 LINER-LTC4054 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LTC4054ES5-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
   800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com