Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC12E2420301 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC12E2420301
Description  12mm Size Insulated Shaft Type Encoder Variety
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC12E2420301 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC12E2420301 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC12E2420301 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC12E2420301 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC12E2420301 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Incremental
Type
Absolute
Type
186
Power
Push
Slide
Rotary
Encoders
Jog
Shuttle
Telephone
-hook
Detector
Vibration/
Tilt Sensors
Dual-in-line
Package Type
Multi Control
Devices
TACT
Insulated shaft type with a push-on switch and other features has a wide variety of applications.
A 12mm sized unit achieved high resolution,12- pulse /12-
detent and 24 -pulse / 24 -detent.
Used a new structure for the shaft and bushing, and achieved
a high precision, responsive system.
Also available with a 0.5mm push switch.
Incremental type.
5mA 5V DC
Without detent
Other
15,000 cycles
30,000 cycles
Rating
(max.)
(Resistive load)
Items
Specifications
Operating life
Features
Typical Specifications
Products Line
Controls for image and sound devices, including DVD
players, mini component stereos, CD players, portable audio
players and monitors.
Controls for audio mixers and electronic instruments.
Applications
Products No.
Drawing
No.
Minimum packing
unit
(pcs.)
Detent torque
Resolution
Length of
operating section
(mm)
2
1,200
1
3
1
3
2
1
3
1
3
1
Vertical
Number
of detent
12
24
Without
Standard
3 to 20 mN
・m
15
20
25
15
20
25
8.5
(Hollow shaft)
20
25
8.5
(Hollow shaft)
20
25
20
25
Lightest
(jog)
3
±2 mN・m
Standard
3 to 20 mN
・m
Lightest
(jog)
3
±2 mN・m
Standard
25
±15 mN・m
EC12E1220407
EC12E1220406
EC12E1220405
EC12E1240405
EC12E1240406
EC12E1220301
EC12E1240301
EC12E24204A2
EC12E24204A8
EC12E24204A9
EC12E2420301
EC12E24404A8
EC12E24404A6
EC12E2440301
EC12E2430404
EC12E2430401
With High Collar Type
Without
――
Push-on
switch
Travel of push-on
switch
(mm)
Operating
direction
12
24
8.5
(Hollow shaft)
8.5
(Hollow shaft)
12mm Size Insulated Shaft Type Encoder Variety
EC12E Series
Lead Free


Similar Part No. - EC12E2420301

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC12E2420301 ALPS-EC12E2420301 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
EC12E2420301 ALPS-EC12E2420301 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
EC12E2420301 ALPS-EC12E2420301 Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
List of Unclassifed Man...
EC12E2420301 ETC-EC12E2420301 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC12E2420301

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com