Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3232EEPE Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MAX3232EEPE
Description  High ESD-Protected, Low Power, 3.0V to 5.5V, Single Supply RS-232 Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MAX3232EEPE Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MAX3232EEPE Datasheet HTML 1Page - List of Unclassifed Manufacturers MAX3232EEPE Datasheet HTML 2Page - List of Unclassifed Manufacturers MAX3232EEPE Datasheet HTML 3Page - List of Unclassifed Manufacturers MAX3232EEPE Datasheet HTML 4Page - List of Unclassifed Manufacturers MAX3232EEPE Datasheet HTML 5Page - List of Unclassifed Manufacturers MAX3232EEPE Datasheet HTML 6Page - List of Unclassifed Manufacturers MAX3232EEPE Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MAX3222/3232 Datasheet Rev. 0.1 , Sept 2005
Page 4 of 7
Anasys Semiconductor, Inc.
(VCC = +3V to +5.5V, C1-C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
DC Characteristics (VCC = +3.3V or +5.5V, TA = +25°C )
VCC Supply Current
ICC
SHDN = VCC ,No
Load, TA=+25°C
0.3
1
mA
Shutdown
Supply
Current
ISHDN
SHDN
=GND,
No
Load, TA=+25°C
1
10
µA
Logic
Input
Leakage
Current
T_IN, SHDN , EN
±1
µA
Input Threshold Low
VIL
T_IN, SHDN , EN
0.8
V
Input Threshold High
VIH
T_IN, SHDN , EN
2.0
V
Output Voltage Low
VOH
R_OUT; IOUT=3.2mA
0.4
V
Output Voltage High
VOL
R_OUT; IOUT=-1.0mA
VCC-0.6
VCC-0.1
V
EIA/TIA-232E Receiver Inputs
Input Voltage Range
-25
25
V
Input Threshold Low
TA=+25°C, VCC= 3.3V
0.6
1.1
V
Input Threshold High
TA=+25°C, VCC= 3.3V
1.5
2.4
V
Input Hysteresis
VCC= 3.3V
0.1
0.2
V
Input Resistance
TA=+25°C, VCC= 3.3V
3
5
7
kΩ
EIA/TIA-232E Transmitter Outputs
Output
Voltage
Swing
All drivers loaded with
3kΩ to ground
±5
±5.4
V
Output Resistance
300
500
Output Short Circuit
Current
±60
mA
TIMING CHARACTERISTICS
Maximum Data Rate
RL=3 kΩ to 7 kΩ, CL=
50pF to 1000pF, one
transmitter switching
250
kbps
Receiver Propagation
Delay
tPLHR,
tPHLR
CL= 150pF
0.15
µs
Transmitter
Propagation Delay
tPLHT,
tPHLT
RL=3 kΩ, CL= 2500pF
all transmitters loaded
0.1
µs
Transition-Region
Slew rate
TA=+25°C, VCC= 3.3V
RL=3 kΩ to 7 kΩ, CL=
50pF
to
1000pF,
measured from -3V to
+3V or +3V to -3V,
3
6
30
V/µs
ESD & Latch up Performance
Human Body Model
±15
kV
IEC1000-4-2,
Contact
Discharge
±8
kV
ESD
Protection
Voltage
IEC1000-4-2, Air-Gap
Discharge
±15
kV
Latch
up
Performance
±200
mA
Electrical Characteristics


Similar Part No. - MAX3232EEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3232EEPE MAXIM-MAX3232EEPE Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3232EEPE MAXIM-MAX3232EEPE Datasheet
874Kb / 26P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 10; 1/06
More results

Similar Description - MAX3232EEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
logo
List of Unclassifed Man...
STC3232E ETC1-STC3232E Datasheet
115Kb / 7P
   High ESD-Protected, Low Power, 3.3V to 5.5V, True RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com