Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM141 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM141
Description  8x2-Bit Constant Current LED Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM141 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM141 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DM141
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8x2-Bit Constant Current LED Drivers
-6-
Version
A.012
Switching Characteristics (Ta = 25 °°°°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Propagation
Delay Time
(“L” to “H”)
EN-(G, R)n
tpLH
60
ns
Propagation
Delay Time
(“H” to “L”)
EN-(G, R)n
tpHL
30
ns
Output Current Rise Time
tor
90
ns
Output Current Fall Time
tof
VDD=5.0V
VIH=VDD
VIL=GND
(G, R)RES=1400
VL=3.3V
RL=51
CL=15pF
17
ns
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Propagation
Delay Time
(“L” to “H”)
EN-(G, R)n
tpLH
90
ns
Propagation
Delay Time
(“H” to “L”)
EN-(G, R)n
tpHL
35
ns
Output Current Rise Time
tor
140
ns
Output Current Fall Time
tof
VDD=3.3V
VIH=VDD
VIL=GND
(G, R)RES=1400
VL=3.3V
RL=51
CL=15pF
30
ns


Similar Part No. - DM141

ManufacturerPart #DatasheetDescription
logo
C&K Components
DM14J705Q3 CK-COMPONENTS-DM14J705Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
ITT Industries
DM14J71G205Q3 ITT-DM14J71G205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
DM14J71G205Q4 ITT-DM14J71G205Q4 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
DM14J71G205Q6 ITT-DM14J71G205Q6 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
DM14J71S205Q3 ITT-DM14J71S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
More results

Similar Description - DM141

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
logo
PAIRUI GROUP INC.
LNU-25C PAIRUI-LNU-25C Datasheet
377Kb / 3P
   Constant current LED Drivers
LNU-5C PAIRUI-LNU-5C Datasheet
366Kb / 3P
   Constant current LED Drivers
LMSB-20C PAIRUI-LMSB-20C Datasheet
345Kb / 3P
   Constant current LED Drivers
LMSA-20C PAIRUI-LMSA-20C Datasheet
349Kb / 3P
   Constant current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com