Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC246A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TMC246A
Description  High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC246A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TMC246A Datasheet HTML 3Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 4Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 5Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 6Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 7Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 8Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 9Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 10Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TMC246 DATA SHEET (V2.01 / Sep. 14th, 2005)
7
Copyright © 2005, TRINAMIC Motion Control GmbH & Co KG
Control via the SPI Interface
The SPI data word sets the current and polarity for both coils. By applying consecutive values,
describing a sine and a cosine wave, the motor can be driven in microsteps. Every microstep is
initiated by its own telegram. Please refer to the description of the analog mode for details on the
waveforms required. The SPI interface timing is described in the timing section. We recommend the
TMC428 to automatically generate the required telegrams and motor ramps for up to three motors.
Serial data word transmitted to TMC246
(MSB transmitted first)
Bit
Name
Function
Remark
11
MDA
mixed decay enable phase A
“1” = mixed decay
10
CA3
current bridge A.3
MSB
9
CA2
current bridge A.2
8
CA1
current bridge A.1
7
CA0
current bridge A.0
LSB
6
PHA
polarity bridge A
“0” = current flow from OA1 to OA2
5
MDB
mixed decay enable phase B
“1” = mixed decay
4
CB3
current bridge B.3
MSB
3
CB2
current bridge B.2
2
CB1
current bridge B.1
1
CB0
current bridge B.0
LSB
0
PHB
polarity bridge B
“0” = current flow from OB1 to OB2
Serial data word transmitted from TMC246
(MSB transmitted first)
Bit
Name
Function
Remark
11
LD2
load indicator bit 2
MSB
10
LD1
load indicator bit 1
9
LD0
load indicator bit 0
LSB
8
1
always “1”
7
OT
overtemperature
“1” = chip off due to overtemperature
6
OTPW
temperature prewarning
“1” = prewarning temperature exceeded
5
UV
driver undervoltage
“1” = undervoltage on VS
4
OCHS
overcurrent high side
3 PWM cycles with overcurrent within 63 PWM cycles
3
OLB
open load bridge B
no PWM switch off for 14 oscillator cycles
2
OLA
open load bridge A
no PWM switch off for 14 oscillator cycles
1
OCB
overcurrent bridge B low side
3 PWM cycles with overcurrent within 63 PWM cycles
0
OCA
overcurrent bridge A low side
3 PWM cycles with overcurrent within 63 PWM cycles


Similar Part No. - TMC246A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC246A ETC2-TMC246A Datasheet
185Kb / 26P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC246A TRINAMIC-TMC246A Datasheet
611Kb / 28P
   High current microstep stepper motor driver
TMC246A-PA TRINAMIC-TMC246A-PA Datasheet
608Kb / 1P
   Microstep Driver for up to 1.5A with stall Guard?
More results

Similar Description - TMC246A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC246 ETC2-TMC246_06 Datasheet
185Kb / 26P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
TMC249 ETC2-TMC249_05 Datasheet
205Kb / 25P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnostics and SPI Interface
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC239 TRINAMIC-TMC239_1 Datasheet
578Kb / 29P
   High current microstep stepper motor driver with protection, diagnostics and SPI Interface
logo
List of Unclassifed Man...
TMC249 ETC1-TMC249 Datasheet
273Kb / 2P
   High Current Microstep Stepper Motor Driver with Sensorless Stall D e t e c t i o n ,P rotection / Diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC246 TRINAMIC-TMC246_1 Datasheet
543Kb / 28P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC249 TRINAMIC-TMC249_1 Datasheet
597Kb / 30P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC236 TRINAMIC-TMC236_1 Datasheet
553Kb / 27P
   High current, low power dissipation microstep stepper motor driver with protection / diagnostics and SPI Interface
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com