Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807-40 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BC807-40
Description  PNP General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC807-40 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BC807-40 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC807-40 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC807-40 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BC807-40 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BL Galaxy Electrical
Production specification
PNP General Purpose Amplifier
BC807-16/-25/-40
Document number: BL/SSSTC041
www.galaxycn.com
Rev.A
1
FEATURES
Pb
Lead-free
Ideally suited for automatic insertion.
Complementary NPN type available
BC817
Epitaxial planar die construction.
APPLICATIONS
This device is designed for general purpose amplifier
and switching applications at currents to1.0A.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
BC807-16
5A1
SOT-23
BC807-25
5B
SOT-23
BC807-40
5C
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-45
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-500
mA
PD
Total Device Dissipation
300
mW
RθjA
Thermal Resistance Junction to Ambient
375
℃/W
Tj,Tstg
Junction and Storage Temperature
-55to+150


Similar Part No. - BC807-40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807-40 PHILIPS-BC807-40 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
General Semiconductor
BC807-40 GE-BC807-40 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
Goodwork Semiconductor ...
BC807-40 GWSEMI-BC807-40 Datasheet
555Kb / 3P
   Ldeally suited for automatic insertion
logo
Diodes Incorporated
BC807-40 DIODES-BC807-40 Datasheet
311Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 15 - 2
logo
Micro Commercial Compon...
BC807-40 MCC-BC807-40 Datasheet
286Kb / 3P
   PNP Silicon General Purpose Transistors
More results

Similar Description - BC807-40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com