Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199-25ZC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C199-25ZC
Description  32K x 8 Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199-25ZC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C199-25ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C199-25ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C199-25ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C199-25ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C199-25ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C199-25ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C199-25ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C199-25ZC Datasheet HTML 9Page - Cypress Semiconductor CY7C199-25ZC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CY7C199
Document #: 38-05160 Rev. **
Page 6 of 16
Switching Characteristics Over the Operating Range[3,7] (continued)
7C199-20
7C199-25
7C199-35
7C199-45
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
20
25
35
45
ns
tAA
Address to Data Valid
20
25
35
45
ns
tOHA
Data Hold from Address
Change
33
3
3
ns
tACE
CE LOW to Data Valid
20
25
35
45
ns
tDOE
OE LOW to Data Valid
9
10
16
16
ns
tLZOE
OE LOW to Low Z[8]
00
0
0
ns
tHZOE
OE HIGH to High Z[8, 9]
911
15
15
ns
tLZCE
CE LOW to Low Z[8]
33
3
3
ns
tHZCE
CE HIGH to High Z[8, 9]
911
15
15
ns
tPU
CE LOW to Power-Up
0
0
0
0
ns
tPD
CE HIGH to Power-Down
20
20
20
25
ns
WRITE CYCLE[10,11]
tWC
Write Cycle Time
20
25
35
45
ns
tSCE
CE LOW to Write End
15
18
22
22
ns
tAW
Address Set-Up to Write End
15
20
30
40
ns
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Set-Up to Write Start
0
0
0
0
ns
tPWE
WE Pulse Width
15
18
22
22
ns
tSD
Data Set-Up to Write End
10
10
15
15
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE
WE LOW to High Z[9]
10
11
15
15
ns
tLZWE
WE HIGH to Low Z[8]
33
3
3
ns
Switching Waveforms
Read Cycle No. 1[12, 13]
Notes:
12. Device is continuously selected. OE, CE = VIL.
13. WE is HIGH for read cycle.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
C199–8


Similar Part No. - CY7C199-25ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199-25ZC CYPRESS-CY7C199-25ZC Datasheet
317Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - CY7C199-25ZC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com