Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP232AEP Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP232AEP
Description  Enhanced RS-232 Line Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP232AEP Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP232AEP Datasheet HTML 4Page - Sipex Corporation SP232AEP Datasheet HTML 5Page - Sipex Corporation SP232AEP Datasheet HTML 6Page - Sipex Corporation SP232AEP Datasheet HTML 7Page - Sipex Corporation SP232AEP Datasheet HTML 8Page - Sipex Corporation SP232AEP Datasheet HTML 9Page - Sipex Corporation SP232AEP Datasheet HTML 10Page - Sipex Corporation SP232AEP Datasheet HTML 11Page - Sipex Corporation SP232AEP Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Date: 10/17/ 05
SP232A Series Enhanced RS232 Transceivers
© Copyright 2005 Sipex Corporation
8
Table 1. Wake-up Function Truth Table.
SP310A transmitter and receiver outputs in a high
impedance condition (tri-stated). The shutdown
mode is controlled on the SP312A by a logic “0”
on the SHUTDOWN control line (pin 18); this also
puts the transmitter outputs in a tri–state mode.
The receiver outputs can be tri–stated separately
during normal operation or shutdown by a logic
“1” on the ENABLE line (pin 1).
Wake–Up Feature for the SP312A
The SP312A has a wake–up feature that keeps
all the receivers in an enabled state when the
device is in the shutdown mode. Table 1 defines
the truth table for the wake–up function.
With only the receivers activated, the SP312A
typically draws less than 5
µA supply current.
In the case of a modem interfaced to a computer
in power down mode, the Ring Indicator (RI)
signal from the modem would be used to "wake
up" the computer, allowing it to accept data
transmission.
After the ring indicator signal has propagated
through the SP312A receiver, it can be used to
trigger the power management circuitry of the
computer to power up the microprocessor, and
bring the SD pin of the SP312A to a logic high,
taking it out of the shutdown mode. The receiver
propagation delay is typically 1
µs. The enable
time for V+ and Vis typically 2ms. After V+ and
Vhave settled to their final values, a signal can
be sent back to the modem on the data terminal
ready (DTR) pin signifying that the computer is
ready to accept and transmit data.
Pin Strapping for the SP233ACT/ACP
The SP233A packaged in the 20–pin SOIC pack-
age (SP233ACT) has a slightly different pinout
thanthe SP233AinPDIPpackaging(SP233ACP).
To operate properly, the following pairs of pins
must be externally wired together:
SD
EN
Power
Up/Down
Receiver
Outputs
0
0
1
1
0
1
0
1
Down
Down
Up
Up
Enable
Tri–state
Enable
Tri–state
Pins Wired
Together
SOIC
PDIP
Two V- Pins
10 & 17
12 & 17
Two C2+ Pins
12 & 15
11 & 15
Two C2- Pins
11 & 16
10 & 16
No Connections for
Pins 8, 13, and 14
Connect Pins 6 and 9
to GND


Similar Part No. - SP232AEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP232AEP SIPEX-SP232AEP Datasheet
126Kb / 8P
   Enhanced RS-232 Line Drivers/Receivers
SP232AEP SIPEX-SP232AEP Datasheet
913Kb / 16P
   Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232AEP EXAR-SP232AEP Datasheet
857Kb / 10P
   Enhanced RS-232 Line Drivers/Receivers
SP232AEP-L EXAR-SP232AEP-L Datasheet
857Kb / 10P
   Enhanced RS-232 Line Drivers/Receivers
SP232AEP-L EXAR-SP232AEP-L Datasheet
821Kb / 11P
   Enhanced RS-232 Line Drivers/Receivers
More results

Similar Description - SP232AEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
   Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232ACN-L-TR EXAR-SP232ACN-L-TR Datasheet
821Kb / 11P
   Enhanced RS-232 Line Drivers/Receivers
SP232AEN-L-TR EXAR-SP232AEN-L-TR Datasheet
821Kb / 11P
   Enhanced RS-232 Line Drivers/Receivers
SP232A EXAR-SP232A Datasheet
857Kb / 10P
   Enhanced RS-232 Line Drivers/Receivers
SP232ACT-L-TR EXAR-SP232ACT-L-TR Datasheet
821Kb / 11P
   Enhanced RS-232 Line Drivers/Receivers
logo
Sipex Corporation
SP232A SIPEX-SP232A Datasheet
913Kb / 16P
   Enhanced RS-232 Line Drivers/Receivers
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
   Enhanced RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A Datasheet
177Kb / 5P
   ENHANCED RS-232 LINE DRIVERS/RECEIVERS
logo
Exar Corporation
SP233A EXAR-SP233A Datasheet
677Kb / 13P
   Enhanced RS-232 Line Drivers/Receivers
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com