Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGL-0622Z Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # SGL-0622Z
Description  100 - 4000 MHz Low Noise Amplifier Silicon Germanium
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGL-0622Z Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SGL-0622Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SGL-0622Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SGL-0622Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SGL-0622Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SGL-0622Z Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Broomfield, CO 80021
3
EDS-104519 Rev C
Preliminary
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
SGL-0622Z 100-4000 MHz SiGe Low Noise Amplifier
Application Circuit Data, V
CC= 3.3V, ID= 9mA
IM3 vs. Frequency
-70
-65
-60
-55
-50
-45
-40
-35
1.5
2
2.5
3
3.5
Frequency (GHz)
25C
-40C
85C
DCIV over Temperature
0
2
4
6
8
10
12
14
16
18
20
01234
Vd (V)
25C
-40C
85C
S11 vs. Frequency
-30
-25
-20
-15
-10
-5
0
01
2
3
4
Frequency (GHz)
S11_25C
S11_-40C
S11_85C
S21 vs. Frequency
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
S21_25C
S21_-40C
S21_85C
S12 vs. Frequency
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
S12_25C
S12_-40C
S12_85C
S22 vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
S22_25C
S22_-40C
S22_85C


Similar Part No. - SGL-0622Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGL-0622Z SIRENZA-SGL-0622Z Datasheet
135Kb / 5P
   5 - 4000 MHz Low Noise MMIC Amplifier Silicon Germanium
SGL-0622Z SIRENZA-SGL-0622Z_1 Datasheet
135Kb / 5P
   5 - 4000 MHz Low Noise MMIC Amplifier Silicon Germanium
More results

Similar Description - SGL-0622Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGL-0622Z SIRENZA-SGL-0622Z_1 Datasheet
135Kb / 5P
   5 - 4000 MHz Low Noise MMIC Amplifier Silicon Germanium
SGL-0163 SIRENZA-SGL-0163 Datasheet
200Kb / 7P
   100 - 1300 MHz Silicon Germanium Cascadable Low Noise Amplifier
logo
List of Unclassifed Man...
SGL-0363Z ETC1-SGL-0363Z Datasheet
283Kb / 9P
   5-2000 MHz Low Noise Amplifier Silicon Germanium
logo
SIRENZA MICRODEVICES
SGL-0363Z SIRENZA-SGL-0363Z Datasheet
291Kb / 9P
   5-2000 MHz Low Noise Amplifier Silicon Germanium
logo
Infineon Technologies A...
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
logo
Analog Devices
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
   400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com