Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199L-15VC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C199L-15VC
Description  32K x 8 Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199L-15VC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C199L-15VC Datasheet HTML 5Page - Cypress Semiconductor CY7C199L-15VC Datasheet HTML 6Page - Cypress Semiconductor CY7C199L-15VC Datasheet HTML 7Page - Cypress Semiconductor CY7C199L-15VC Datasheet HTML 8Page - Cypress Semiconductor CY7C199L-15VC Datasheet HTML 9Page - Cypress Semiconductor CY7C199L-15VC Datasheet HTML 10Page - Cypress Semiconductor CY7C199L-15VC Datasheet HTML 11Page - Cypress Semiconductor CY7C199L-15VC Datasheet HTML 12Page - Cypress Semiconductor CY7C199L-15VC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CY7C199
Document #: 38-05160 Rev. **
Page 9 of 16
Truth Table
CE
WE
OE
Inputs/Outputs
Mode
Power
H
X
X
High Z
Deselect/Power-Down
Standby (ISB)
L
H
L
Data Out
Read
Active (ICC)
L
L
X
Data In
Write
Active (ICC)
L
H
H
High Z
Deselect, Output Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
8
CY7C199-8VC
V21
28-Lead Molded SOJ
Commercial
CY7C199-8ZC
Z28
28-Lead Thin Small Outline Package
CY7C199L-8VC
V21
28-Lead Molded SOJ
CY7C199L-8ZC
Z28
28-Lead Thin Small Outline Package
10
CY7C199-10VC
V21
28-Lead Molded SOJ
Commercial
CY7C199-10ZC
Z28
28-Lead Thin Small Outline Package
CY7C199L-10VC
V21
28-Lead Molded SOJ
CY7C199L-10ZC
Z28
28-Lead Thin Small Outline Package
CY7C199-10VI
V21
28-Lead Molded SOJ
Industrial
CY7C199-10ZI
Z28
28-Lead Thin Small Outline Package
CY7C199L-10VI
V21
28-Lead Molded SOJ
CY7C199L-10ZI
Z28
28-Lead Thin Small Outline Package
12
CY7C199-12PC
P21
28-Lead (300-Mil) Molded DIP
Commercial
CY7C199-12VC
V21
28-Lead Molded SOJ
CY7C199-12ZC
Z28
28-Lead Thin Small Outline Package
CY7C199L-12PC
P21
28-Lead (300-Mil) Molded DIP
CY7C199L-12VC
V21
28-Lead Molded SOJ
CY7C199L-12ZC
Z28
28-Lead Thin Small Outline Package
CY7C199-12VI
V21
28-Lead Molded SOJ
Industrial
CY7C199-12ZI
Z28
28-Lead Thin Small Outline Package
CY7C199L-12VI
V21
28-Lead Molded SOJ
CY7C199L-12ZI
Z28
28-Lead Thin Small Outline Package
Shaded area contains advance information. Contact your Cypress sales representative for availability
Typical DC and AC Characteristics (continued)
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
TYPICAL POWER-ON CURRENT
vs. SUPPLY VOLTAGE
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
1.25
1.00
0.75
10
20
30
40
CYCLE FREQUENCY (MHz)
NORMALIZED I CC vs. CYCLE TIME
0.0
5.0
0.0
1000
0.50
VCC =4.5V
TA =25°C
VCC =5.0V
TA =25°C
VIN =0.5V


Similar Part No. - CY7C199L-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199L-15VC CYPRESS-CY7C199L-15VC Datasheet
317Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - CY7C199L-15VC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com