Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGBPC3504 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SGBPC3504
Description  THREE - PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SGBPC3504 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SGBPC3504 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SGBPC3504 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SGBPC35005---SGBPC3516
FEATURES
Rating to 1600 V PRV
Surge overload rating to 500 Am peres peak
Ideal for printed circuit board
Reliable low cost construction utilizing m olded
plastic technique results in inexpensive product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SGBPC
3502
SGBPC
3504
SGBPC
3506
SGBPC
3508
SGBPC
3510
SGBPC
3512
SGBPC
3514
SGBPC
3516
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
1200
1400
1600
V
Maximum RMS voltage
VRMS
140
280
420
560
700
840
980
1120
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
1200
1400
1600
V
Maximum average forward
Output current
@TA=25
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
Maximum instantaneous forward voltage
@ 12.0 A
VF
V
Maximum reverse current
@TA=25
μA
at rated DC blocking voltage @TA=100
mA
Thermal resistance junction to case at
DC Operation per bridge
RJC
K/W
Thermal resistance case to heatsink
mounting surface,smooth,flat and
gread
RCS
K/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
Lead solderable per MIL-STD-202 m ethod 208
GALAXY ELECTRICAL
V OLTAGE RANGE:
50 --- 1600 V
CURRENT:
35.0 A
THREE - PHASE SILICON BRIDGE
SG BPC35
SGBPC
35005
50
IFSM
A
IF(AV)
A
35.0
500.0
Ratings at 25
am bient tem perature unless otherwise specified.
SGBPC
3501
IR
100
70
100
- 40 ---- + 150
35
50
1.19
10.0
5.0
- 40 ---- + 150
1.16
0.2
BL
www.galaxycn.com
Document Number 0293006
BLGALAXY ELECTRICAL
1.
25.8-24.8
~
~
_
~
+
28.7-28.4
24.5-22.5
5.3-5.1
16.5-15.5
10.5-9.5
6.35X0.8
Metal Heat Sink
inch(mm)
+
-


Similar Part No. - SGBPC3504

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
SGBPC35005 DSK-SGBPC35005 Datasheet
141Kb / 2P
   THREE - PHASE SILICON BRIDGES
More results

Similar Description - SGBPC3504

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
DB15-005 BILIN-DB15-005 Datasheet
104Kb / 1P
   THREE - PHASE SILICON BRIDGE
logo
HY ELECTRONIC CORP.
SBR15A HY-SBR15A Datasheet
88Kb / 2P
   SILICON PASSIVATED THREE PHASE BRIDGE RECTIFIERS
logo
International Rectifier
MTP3-PHASE IRF-MTP3-PHASE Datasheet
129Kb / 8P
   THREE PHASE BRIDGE
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
   Three Phase Bridge
Revision: 03-Mar-14
logo
Solid States Devices, I...
RA0010 SSDI-RA0010 Datasheet
54Kb / 2P
   THREE PHASE BRIDGE
logo
International Rectifier
130MT IRF-130MT Datasheet
94Kb / 7P
   THREE PHASE BRIDGE
200MT40KB IRF-200MT40KB Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-70MT80KPBF VISHAY-VS-70MT80KPBF Datasheet
189Kb / 7P
   Three Phase Bridge
Revision: 27-Feb-14
logo
International Rectifier
26MT IRF-26MT Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com