Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8732 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8732
Description  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8732 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8732 Datasheet HTML 1Page - Maxim Integrated Products MAX8732 Datasheet HTML 2Page - Maxim Integrated Products MAX8732 Datasheet HTML 3Page - Maxim Integrated Products MAX8732 Datasheet HTML 4Page - Maxim Integrated Products MAX8732 Datasheet HTML 5Page - Maxim Integrated Products MAX8732 Datasheet HTML 6Page - Maxim Integrated Products MAX8732 Datasheet HTML 7Page - Maxim Integrated Products MAX8732 Datasheet HTML 8Page - Maxim Integrated Products MAX8732 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
General Description
The MAX8732/MAX8733/MAX8734 dual step-down,
switch-mode power-supply (SMPS) controllers generate
logic-supply voltages in battery-powered systems. The
MAX8732/MAX8733/MAX8734 include two pulse-width
modulation (PWM) controllers, adjustable from 2V to 5.5V
or fixed at 5V and 3.3V. These devices feature two linear
regulators providing 5V and 3.3V always-on outputs. Each
linear regulator provides up to 100mA output current with
automatic linear-regulator bootstrapping to the main
SMPS outputs. The MAX8732/MAX8733/MAX8734 include
on-board power-up sequencing, a power-good (PGOOD)
output, digital soft-start, and internal soft-stop output dis-
charge that prevents negative voltages on shutdown.
Maxim’s proprietary Quick-PWM™ quick-response, con-
stant on-time PWM control scheme operates without
sense resistors and provides 100ns response to load tran-
sients while maintaining a relatively constant switching fre-
quency. The unique ultrasonic pulse-skipping mode
maintains the switching frequency above 25kHz, which
eliminates noise in audio applications. Other features
include pulse skipping, which maximizes efficiency in
light-load applications, and fixed-frequency PWM mode,
which reduces RF interference in sensitive applications.
The MAX8732 features a 200kHz/5V and 300kHz/3.3V
SMPS for highest efficiency, while the MAX8733 features
a 400kHz/5V and 500kHz/3.3V SMPS for “thin and light”
applications. The MAX8734 provides a pin-selectable
switching frequency, allowing either 200kHz/300kHz or
400kHz/500kHz operation of the 5V/3.3V SMPSs, respec-
tively. The MAX8732/MAX8733/MAX8734 are available in
28-pin QSOP packages and operate over the extended
temperature range (-40°C to +85°C).
The MAX8732/MAX8733/MAX8734 are pin-for-pin
upgrades to the MAX1777/MAX1977/MAX1999.
The MAX1999 Evaluation Kit can be used to evaluate
the MAX8732/MAX8733/MAX8734.
Applications
Notebook and Subnotebook Computers
PDAs and Mobile Communication Devices
3- and 4-Cell Li+ Battery-Powered Devices
Features
♦ No Current-Sense Resistor Needed (MAX8734)
♦ Accurate Current Sense with Current-Sense
Resistor (MAX8732/MAX8733)
♦ 1.5% Output Voltage Accuracy
♦ 3.3V and 5V 100mA Bootstrapped Linear
Regulators
♦ Internal Soft-Start and Soft-Stop Output
Discharge
♦ Quick-PWM with 100ns Load Step Response
♦ 3.3V and 5V Fixed or Adjustable Outputs
(Dual Mode™)
♦ 4.5V to 24V Input Voltage Range
♦ Enhanced Ultrasonic Pulse-Skipping Mode
(25kHz min)
♦ Power-Good (PGOOD) Signal
♦ Overvoltage Protection Enable/Disable
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3355; Rev 0; 8/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
5V/3V
SWITCHING
FREQUENCY
MAX8732EEI -40°C to +85°C 28 QSOP
200kHz/300kHz
MAX8733EEI -40°C to +85°C 28 QSOP
400kHz/500kHz
MAX8734EEI -40°C to +85°C 28 QSOP
200kHz/300kHz or
400kHz/500kHz
Quick-PWM and Dual Mode are trademarks of Maxim
Integrated Products, Inc.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
BST3
LX3
DH3
LDO3
DL3
GND
LX5
OUT3
OUT5
V+
DL5
LDO5
VCC
DH5
BST5
TON
ILIM5
FB5
REF
FB3
ILIM3
ON5
ON3
PGOOD
N.C.
QSOP
TOP VIEW
MAX8734
SHDN
PRO
SKIP
Pin Configurations
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX8732

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732AEEI MAXIM-MAX8732AEEI Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
More results

Similar Description - MAX8732

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com