Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM00TS Datasheet(PDF) 10 Page - Tyco Electronics

Part # IM00TS
Description  The Best Relaytion
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM00TS Datasheet(HTML) 10 Page - Tyco Electronics

Back Button IM00TS Datasheet HTML 3Page - Tyco Electronics IM00TS Datasheet HTML 4Page - Tyco Electronics IM00TS Datasheet HTML 5Page - Tyco Electronics IM00TS Datasheet HTML 6Page - Tyco Electronics IM00TS Datasheet HTML 7Page - Tyco Electronics IM00TS Datasheet HTML 8Page - Tyco Electronics IM00TS Datasheet HTML 9Page - Tyco Electronics IM00TS Datasheet HTML 10Page - Tyco Electronics IM00TS Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IM Relay
IM Relays
4th generation slim line – low profile polarized 2 c/o telecom relay with
bifurcated contacts, available as non latching or latching relay with
1 coil. Nominal voltage range from 1.5... 24 V, coil power consumption
of 140... 200 mW, latching relays with 1 coil 100 mW. The IM relay
is available as through hole and surface mount type (J-Legs and Gull
Wings) and capable to switch loads up to 60 W/62,5 VA. Dielectric
strength fulfills the Bellcore requirements according GR 1089 (2,5 kV
– 2 / 10 µs) and FCC part 68 (1,5 kV – 10 / 160 µs). The IM relay is
CECC/IECQ approved and certified in accordance with IEC/EN 60950
and UL1950. Dimensions approx. 10 x 6 mm board space and
5.65 mm height.
P2 Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts,
available as non latching or latching relay with 1 or 2 coils. Nominal
voltage range from 3 ... 24 V, coil power consumption 140 mW,
latching relays with 1 coil 70 mW. The P2 Relay is available as through
hole or surface mount type and capable to switch currents up to 5
A. Dielectric strength fulfills the Bellcore requirements according GR
1089 (2,5 kV – 2 / 10 µs) and FCC part 68 (1,5 kV – 10 / 160 µs).
Dimensions approx. 15 x 7,5 mm board space and 10 mm height.
FX Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts,
available as non latching or latching relay with 1 coil. Nominal voltage
range from 3 ... 48 V, coil power consumption of 80 ... 260 mW for the
high sensitive version, 140... 300 mW for the standard version, latching
relays with 1 coil 100 mW. The FX2 relay is available as through hole
type and capable to switch loads up to 60 W/62,5 VA. Dielectric
strength fulfills the Bellcore requirements according GR 1089 (2,5 kV
– 2 / 10 µs) and FCC part 68 (1,5 kV – 10 / 160 µs). The FX2 is CECC/
IECQ approved and certified in accordance with IEC/EN 60950 and
UL1950. Dimensions approx. 15 x 7,5 mm board space and 10,7 mm
height.
FT2 / FU2 Relays
3rd generation non polarized, non latching 2 c/o telecom relay with
bifurcated contacts. Nominal voltage range from 3 ... 48 V, coil power
consumption 200 ... 300 mW. Most sensitive 48 V relay. Available as
through hole and surface mount type. Dielectric strength fulfills the
Bellcore requirements according GR 1089 (2,5 kV – 2 / 10 µs) and FCC
part 68 (1,5 kV – 10 / 160 µs). The FT2/FU2 is CECC/IECQ approved
and certified in accordance with IEC/EN 60950 and UL1950.
Dimensions approx. 15 x 7,5 mm board space and 10 mm height.
FP2 Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts,
available as non latching or latching relay with 1 or 2 coils. Nominal
voltage range from 3 ... 48 V, coil power consumption of 80 ... 260 mW
for the high sensitive version, 140... 300 mW for the standard version,
latching relays with 1 coil 100 mW.. The FP2 Relay is available as
through hole type and capable to switch loads up to
30 W/62,5 VA. Dielectric strength fulfills FCC part 68 (1,5 kV – 10 /
160 µs). The FP2 is CECC/IECQ approved. Dimensions approx.
14 x 9 mm board space and 5 mm height.
MT2 / MT4
2nd generation non polarized, non latching 2 c/o and 4 c/o telecom and
signal relay with bifurcated contacts. Nominal voltage range from 4.5 ...
48 V, coil power consumption 150/200/300/400 and
550 mW, and 300 mW (MT4). Dielectric strength fulfills the
requirements according FCC part 68 (1,5 kV – 10 / 160 µs) for both
and the Bellcore requirements according GR 1089 (2,5 kV – 2 / 10 µs)
the MT4 only.
Dimensions MT2 approx. 20 x 10 mm board space and 11 mm height,
MT4 approx. 20 x15 mm board space and 11 mm height.
D2n Relays
2nd generation non polarized 2 c/o relay for telecom and various
other applications. Nominal voltage range from 3 ... 48 V, coil power
consumption from 150 .... 500 mW. The D2n relay is capable to
switch currents up to 3 A. Dielectric strength fulfills the requirements
according FCC part 68 (1,5 kV – 10 / 160 µs). Dimensions approx.
20 x10 mm board space and 11,5 mm height.
P1 Relays
Extremely sensitive, polarized 1 c/o relay with bifurcated contacts for
a wide range of applications, available as non latching or latching relay
with 1 or 2 coils. Nominal voltage range from 3 ... 24 V, coil power
consumption 65 mW, latching relays with 1 coil 30 mW. The P1 relay
is available as through hole or surface mount type and capable to
switch currents up to 1 A. Dielectric strength fulfills the requirements
according FCC part 68 (1,5 kV – 10 / 160 µs). Dimensions approx.
13 x 7,6 mm board space and 7 mm height for THT or 8 mm height for
SMT version.
W11 Relays
Low cost, non polarized 1 c/o relay for various applications. Nominal
voltage range from 3 ... 24 V, coil power consumption 450 mW,
sensitive versions 200 mW. The W11 relay is capable to switch
currents up to 3 A. Dielectric strength 1000 Vrms. Dimensions approx.
15,6 x 10,6 mm board space and 11,5 mm height.
Reed Relays
High sensitive, non polarized relay for telecom and various other
applications, available with 1 n/o, 2 n/o or 1c/o contacts. Nominal
voltage range from 5 ... 24 V, coil power consumption 50...280 mW
for 1 n/o and 125 ... 280 mW for 2 n/o or 1 c/o versions. Reedrelays
are available in DIP or SIL housing and capable to switch currents up to
0,5 A. Integrated diode and/or electrostatic shield optional. Dielectric
strength 1500 Vdc. Dimensions approx. 19,3 x 7 mm board space and
5 ... 7,5 mm height for DIP or 19,8 x 5 mm board space and 7,8 mm
height for SIL version.
Cradle Relays
Extremely reliable and mature relay family of 1st generation for various
signal switching applications. Available as non polarized, polarized
/ latching and relay with AC coil. The benefit is the possibility of
combining various contact sets from 1 up to 6 poles, single and
bifurcated contacts, different contact materials with a coil voltage
range from 1,5 Vdc to 220 Vac. Cradle relays are available as dust
protected and hermetically sealed versions, with plug in or solder
terminals and are capable to switch currents up to 5 A. Forcibly
guided (linked) contact sets optional. Dielectric strength 500 Vrms.
Dimensions from approx. 19 x 24 to 19x35 mm board space and
30 mm height.
Other Relays
We offer a variety of different relay families for maintenance and
replacement purposes. These relays are up to 60 years old now, such
as Card Relay SN (V23030 / V23031 series), Small General Purpose
Relay (V23006 series), Small Polarized Relay (V23063 ... V23067
and V23163 ... V23167 series). Accessories like sockets, hold down
springs, etc. optional.
HF3 Relay
High performance low cost RF relay with excellent RF characteristics.
Available with an impedance of 50 and 75 Ohm. Suitable for frequen-
cies up to 3 GHz. Actually smallest RF relay available combining small
size, excellent RF performance and SMD solderability. Available as non
latching or latching relay with 1 or 2 coils and a nominal coil voltage
range from 3 ... 24 V, coil power consumption 140 mW, latching relays
with 1 coil 70 mW. Dimensions 14.6 x 7.3 x 10 mm.
Page 10 (11)
108-98001 Rev. D


Similar Part No. - IM00TS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IM00TS MACOM-IM00TS Datasheet
610Kb / 10P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
2Mb / 28P
   IM Series Signal Relays
IM00TS MACOM-IM00TS_1 Datasheet
2Mb / 28P
   IM Series Signal Relays
More results

Similar Description - IM00TS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Hamamatsu Corporation
L2D2 HAMAMATSU-L2D2 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Seoul Semiconductor
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
   Achieving the best system for Horticulture
logo
STMicroelectronics
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
   Best practices in the manufacturing process
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com