Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR251 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # AR251
Description  AUTOMOTIVE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

AR251 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  AR251 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited AR251 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Utilizing void-free molded plastic technique
Low power loss
High surge capability
High temperature soldering guaranteed:
MECHANICAL DATA
Case: Molded with UL-94 class V-O recognized
flame retardant epoxy
Terminals: Plated axal terminals solderable per
MIL- STD-202E, method 208
Polarity: Color ring denotes cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
AR
252
AR
254
AR
256
AR
258
AR
2510
ARS
252
ARS
254
ARS
256
ARS
258
ARS
2510
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forward rectified current
@TA=55
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
Maximum instantaneous forward voltage
at 25 A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage
@TA=150
Typical junction capacitance
(Note1)
CJ
pF
Typical thermal resistance
(Note2)
RθJC
/W
Operating junction temperature range
Tj
Storage temperature range
TSTG
1
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 25 A
35
50
AR
1000
AUTOMOTIVE
RECTIFIER
50
AR(S)2505---AR(S)2510
I(AV)
25.0
ARS
265 /10s
BLGALAXYELECTRICAL
IFSM
400
2. Thermal resistance from junction to case.
µ A
10.0
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
www.galaxycn.com
- 55 ---- + 150
IR
300
- 55 ---- + 150
1.0
UNITS
ARS
2505
ARS
251
AR
2505
AR
251
A
A
100
Dimensions in inches and (millimeters)
.225(5.7)
.215(5.5)
.327(8.3)
.347(8.9)
.215(5.5)
.225(5.7)
.380(9.7)
.410(10.4)
.165(4.2)
.185(4.7)
.235(6.0)
.250(6.4)
.235(6.0)
.250(6.4)
.185(4.7)
.165(4.2)
Document Number 0292011
BLGALAXYELECTRICAL
1.


Similar Part No. - AR251

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
AR251 DAESAN-AR251 Datasheet
269Kb / 2P
   CURRENT 25.0 Amperes VOLTAGE 50 TO 1000 VOLTS
logo
TAITRON Components Inco...
AR251 TAITRON-AR251 Datasheet
129Kb / 4P
   25A Automotive Rectifiers
logo
UNIOHM CORPORATION
AR251 UNIOHM-AR251 Datasheet
156Kb / 2P
   25.0 AMP SILICON RECTIFIERS
logo
MIC GROUP RECTIFIERS
AR251 MIC-AR251 Datasheet
39Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
logo
Shanghai Lunsure Electr...
AR251 CHENYI-AR251 Datasheet
151Kb / 2P
   BUTTON DIODES
More results

Similar Description - AR251

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
RAS2505 WINNERJOIN-RAS2505 Datasheet
126Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL1505 WINNERJOIN-RAL1505 Datasheet
161Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL3505 WINNERJOIN-RAL3505 Datasheet
107Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL750 WINNERJOIN-RAL750 Datasheet
110Kb / 2P
   AUTOMOTIVE RECTIFIER
RA2505 WINNERJOIN-RA2505 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
AR2500 GOOD-ARK-AR2500 Datasheet
48Kb / 2P
   AUTOMOTIVE RECTIFIER
GBA30LP GOOD-ARK-GBA30LP Datasheet
391Kb / 7P
   AUTOMOTIVE RECTIFIER
logo
Chenmko Enterprise Co. ...
RA2505PT CHENMKO-RA2505PT Datasheet
92Kb / 2P
   AUTOMOTIVE RECTIFIER
RA3505PT CHENMKO-RA3505PT Datasheet
93Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RAS1505 WINNERJOIN-RAS1505 Datasheet
98Kb / 1P
   AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com