Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8B-25PC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF16V8B-25PC
Description  High Performance Flash PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8B-25PC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF16V8B-25PC Datasheet HTML 5Page - ATMEL Corporation ATF16V8B-25PC Datasheet HTML 6Page - ATMEL Corporation ATF16V8B-25PC Datasheet HTML 7Page - ATMEL Corporation ATF16V8B-25PC Datasheet HTML 8Page - ATMEL Corporation ATF16V8B-25PC Datasheet HTML 9Page - ATMEL Corporation ATF16V8B-25PC Datasheet HTML 10Page - ATMEL Corporation ATF16V8B-25PC Datasheet HTML 11Page - ATMEL Corporation ATF16V8B-25PC Datasheet HTML 12Page - ATMEL Corporation ATF16V8B-25PC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ATF16V8B Complex Mode
PAL Device Emulation/PAL Replacement
In the Complex Mode, combinatorial output and I/O func-
tions are possible. Pins 1 and 11 are regular inputs to the
array. Pins 13 through 18 have pin feedback paths back to
the AND-array, which makes full I/O capability possible.
Pins 12 and 19 (outermost macrocells) are outputs only.
They do not have input capability. In this mode, each
macrocell has seven product terms going to the sum term
and one product term enabling the output.
Combinatorial applications with an OE requirement will
make the compiler select this mode. The following devices
can be emulated using this mode:
16L8
16H8
16P8
Complex Mode Option
ATF16V8B Simple Mode
PAL Device Emulation / PAL Replacement
In the Simple Mode, 8 product terms are allocated to the
sum term. Pins 15 and 16 (center macrocells) are perma-
nently configured as combinatorial outputs. Other macro-
cells can be either inputs or combinatorial outputs with pin
feedback to the AND-array. Pins 1 and 11 are regular in-
puts.
The compiler selects this mode when all outputs are com-
binatorial without OE control. The following simple PALs
can be emulated using this mode:
10L8
10H8
10P8
12L6
12H6
12P6
14L4
14H4
14P4
16L2
16H2
16P2
Simple Mode Option
ATF16V8B
1-15


Similar Part No. - ATF16V8B-25PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B-10JC ATMEL-ATF16V8B-10JC Datasheet
640Kb / 26P
   Highperformance EE PLD
ATF16V8B-10JC ATMEL-ATF16V8B-10JC Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
ATF16V8B-10JI ATMEL-ATF16V8B-10JI Datasheet
640Kb / 26P
   Highperformance EE PLD
ATF16V8B-10JI ATMEL-ATF16V8B-10JI Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
ATF16V8B-10JU ATMEL-ATF16V8B-10JU Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
More results

Similar Description - ATF16V8B-25PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
logo
Lattice Semiconductor
GAL16V8A LATTICE-GAL16V8A Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
logo
ATMEL Corporation
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com