Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8B-10JC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF16V8B-10JC
Description  High Performance Flash PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8B-10JC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF16V8B-10JC Datasheet HTML 2Page - ATMEL Corporation ATF16V8B-10JC Datasheet HTML 3Page - ATMEL Corporation ATF16V8B-10JC Datasheet HTML 4Page - ATMEL Corporation ATF16V8B-10JC Datasheet HTML 5Page - ATMEL Corporation ATF16V8B-10JC Datasheet HTML 6Page - ATMEL Corporation ATF16V8B-10JC Datasheet HTML 7Page - ATMEL Corporation ATF16V8B-10JC Datasheet HTML 8Page - ATMEL Corporation ATF16V8B-10JC Datasheet HTML 9Page - ATMEL Corporation ATF16V8B-10JC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Functional Logic Diagram Description
The Logic Option and Functional Diagrams describe the
ATF16V8B architecture. Eight configurable macrocells
can be configured as a registered output, combinatorial
I/O, combinatorial output, or dedicated input.
The ATF16V8B can be configured in one of three different
modes. Each mode makes the ATF16V8B look like a dif-
ferent device. Most PLD compilers can choose the right
mode automatically. The user can also force the selection
by supplying the compiler with a mode selection. The de-
termining factors would be the usage of register versus
combinatorial outputs and dedicated outputs versus out-
puts with output enable control.
The ATF16V8B universal architecture can be pro-
grammed to emulate many 20-pin PAL devices. These
architectural subsets can be found in each of the configu-
ration modes described in the following pages. The user
can download the listed subset device JEDEC program-
ming file to the PLD programmer, and the ATF16V8B can
be configured to act like the chosen device. Check with
your programmer manufacturer for this capability.
Unused product terms are automatically disabled by the
compiler to decrease power consumption. A Security
Fuse, when programmed, protects the content of the
ATF16V8B. Eight bytes (64 fuses) of User Signature are
accessible to the user for purposes such as storing project
name, part number, revision, or date. The User Signature
is accessible regardless of the state of the Security Fuse.
Compiler Mode Selection
Registered
Complex
Simple
Auto Select
ABEL, Atmel-ABEL
P16V8R
P16V8C
P16V8AS
P16V8
CUPL
G16V8MS
G16V8MA
G16V8AS
G16V8A
LOG/iC
GAL16V8_R (1)
GAL16V8_C7 (1)
GAL16V8_C8 (1)
GAL16V8
OrCAD-PLD
“Registered”
“Complex”
“Simple”
GAL16V8A
PLDesigner
P16V8R
P16V8C
P16V8C
P16V8A
Tango-PLD
G16V8R
G16V8C
G16V8AS
G16V8
Note:
1. Only applicable for version 3.4 or lower.
Input and I/O Pull-Ups
All ATF16V8B family members have internal input and I/O
pull-up resistors. Therefore, whenever inputs or I/Os are
not being driven externally, they will float to VCC. This en-
sures that all logic array inputs are at known states.
These are relatively weak active pull-ups that can easily
be overdriven by TTL-compatible drivers (see input and
I/O diagrams below).
Input Diagram
I/O Diagram
Programming/Erasing
Programming/erasing is performed using standard PLD
programmers. See
CMOS PLD Programming Hardware &
Software Support for information on software/program-
ming.
Electronic Signature Word
There are 64 bits of programmable memory that are al-
ways available to the user, even if the device is secured.
These bits can be used for user-specific data.
1-12
ATF16V8B


Similar Part No. - ATF16V8B-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B-10JC ATMEL-ATF16V8B-10JC Datasheet
640Kb / 26P
   Highperformance EE PLD
ATF16V8B-10JC ATMEL-ATF16V8B-10JC Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
More results

Similar Description - ATF16V8B-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
logo
Lattice Semiconductor
GAL16V8A LATTICE-GAL16V8A Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
logo
ATMEL Corporation
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com