Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3502UT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3502UT
Description  High-Voltage, NV, I2C POT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3502UT Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3502UT Datasheet HTML 1Page - Maxim Integrated Products DS3502UT Datasheet HTML 2Page - Maxim Integrated Products DS3502UT Datasheet HTML 3Page - Maxim Integrated Products DS3502UT Datasheet HTML 4Page - Maxim Integrated Products DS3502UT Datasheet HTML 5Page - Maxim Integrated Products DS3502UT Datasheet HTML 6Page - Maxim Integrated Products DS3502UT Datasheet HTML 7Page - Maxim Integrated Products DS3502UT Datasheet HTML 8Page - Maxim Integrated Products DS3502UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
High-Voltage, NV, I2C POT
_______________________________________________________________________________________
3
VOLTAGE-DIVIDER CHARACTERISTICS
(VCC = +2.5V to +5.5V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Integral Nonlinearity
INL
(Note 6)
-1
+1
LSB
Differential Nonlinearity
DNL
(Note 7)
-0.5
+0.5
LSB
Zero-Scale Error
ZSERROR
V+ = 4.5V (Note 8)
0
0.5
2
LSB
Full-Scale Error
FSERROR
V+ = 4.5V (Note 9)
-2
-1
0
LSB
Ratiometric Temp Coefficient
TCV
WR/IVR register set to 40h
±4
ppm/°C
I2C AC ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +5.5V, TA = -40°C to +100°C, timing referenced to VIL(MAX) and VIH(MIN). See Figure 2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 10)
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
μs
Hold Time (Repeated) START
Condition
tHD:STA
0.6
μs
Low Period of SCL
tLOW
1.3
μs
High Period of SCL
tHIGH
0.6
μs
Data Hold Time
tHD:DAT
0
0.9
μs
Data Setup Time
tSU:DAT
100
ns
START Setup Time
tSU:STA
0.6
μs
SDA and SCL Rise Time
tR
(Note 11)
20 +
0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 11)
20 +
0.1CB
300
ns
STOP Setup Time
tSU:STO
0.6
μs
SDA and SCL Capacitive
Loading
CB
(Note 11)
400
pF
EEPROM Write Time
tW
(Note 12)
10
20
ms
Pulse-Width Suppression Time at
SDA and SCL Inputs
tIN
(Note 13)
50
ns
A0, A1 Setup Time
tSU:A
Before START
0.6
μs
A0, A1 Hold Time
tHD:A
After STOP
0.6
μs
SDA and SCL Input Buffer
Hysteresis
0.05 x
VCC
V


Similar Part No. - DS3502UT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3502U++ MAXIM-DS3502U+ Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
DS3502U+TR MAXIM-DS3502U+TR Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
More results

Similar Description - DS3502UT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3502 MAXIM-DS3502_09 Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
DS3501 MAXIM-DS3501 Datasheet
230Kb / 14P
   High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Rev 0; 1/07
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
logo
Microchip Technology
MCP4021 MICROCHIP-MCP4021 Datasheet
3Mb / 64P
   Low-Cost NV Digital POT with WiperLock??Technology
2006
logo
Maxim Integrated Produc...
DS1841 MAXIM-DS1841 Datasheet
252Kb / 16P
   Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com