Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR1506 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BR1506
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BR1506 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BR1506 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BR1506 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GALAXY ELECTRICAL
FEATURES
Rating to 1000V PRV
Surge overload rating to
300 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
BR
1502
BR
1504
BR
1506
BR
1508
BR
1510
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
output current
@T
A=50
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
@ 7.5 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage
@T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
- 55 ---- + 150
- 55 ---- + 125
IR
SILICON BRIDGE RECTIFIERS
Mounting: thru hole for # 8 screw
mounting
A
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 15.0 A
35
50
BR
IFSM
A
10.0
Lead solderable per MIL-STD-202 method 208
IF(AV)
15.0
BR15005---BR1510
BR
15005
BR
1501
50
100
1.1
1.0
300.0
www.galaxycn.com
inch (mm)
BL
BLGALAXY ELECTRICAL
Document Number 0287049
1.
.452
(11.5)
1.181(30.0)
1.102(28.0)
MAX
.425(10.8)
.480(12.2)
.633(16.1)
.673(17.1)
.673(17.1)
.633(16.1)
.692(17.6)
.732(18.6)
.582(14.8)
.543(13.8)
(0.8x 6.4)
.033x 250
HOLE FOR
NO.8 SCREW
1.102(28.0)
1.181(30.0)
AC
AC
-
+
METAL HEAT SINK
PLASTIC


Similar Part No. - BR1506

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BR1506 EIC-BR1506 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
RFE international
BR1506 RFE-BR1506 Datasheet
941Kb / 3P
   Bridge Rectifiers
21-APR-2023
logo
SeCoS Halbleitertechnol...
BR1506 SECOS-BR1506 Datasheet
193Kb / 2P
   AMP Silicon Bridge Rectifiers
logo
SynSemi, Inc.
BR1506 SYNSEMI-BR1506 Datasheet
34Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
BR1506 GOOD-ARK-BR1506 Datasheet
96Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - BR1506

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com