Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5216KI-1Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL5216KI-1Z
Description  Four-Channel Programmable Digital Downconverter
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5216KI-1Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL5216KI-1Z Datasheet HTML 6Page - Intersil Corporation ISL5216KI-1Z Datasheet HTML 7Page - Intersil Corporation ISL5216KI-1Z Datasheet HTML 8Page - Intersil Corporation ISL5216KI-1Z Datasheet HTML 9Page - Intersil Corporation ISL5216KI-1Z Datasheet HTML 10Page - Intersil Corporation ISL5216KI-1Z Datasheet HTML 11Page - Intersil Corporation ISL5216KI-1Z Datasheet HTML 12Page - Intersil Corporation ISL5216KI-1Z Datasheet HTML 13Page - Intersil Corporation ISL5216KI-1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
10
FN6013.3
July 13, 2007
Level Detector
An input level detector is provided to monitor the signal level
on any of the input busses. The input bus, input format, and
the level detection type are programmable (see
Microprocessor Interface , GWA registers F804h, F805h and
F806h). This signal level represents the wideband signal from
the A/D and is useful for controlling gain/attenuation blocks
ahead of the converter.
The supported monitoring modes include integrated
magnitude (like the HSP50214 w/o the threshold) and leaky
integration (Yn =Xn xA +Yn-1 x (1-A)) where A = 1, 2
-8, 2-12,
or 2-16 (see GWA = F805h). The measurement interval can
be programmed from 2 to 65537 samples (or continuous for
the leaky integrator case). The output is 32 bits and is read via
the
μP interface.
Note that the accumulators in the input level detector are 32
bits wide. This may limit the integration range to as few as
512 samples (for a 42dB exponent range).
15-BIT MODE: 15-BIT MANTISSA (15:1), 2-BIT EXPONENT (-1, 0), 18dB MAXIMUM EXPONENT RANGE (Note 12)
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING
000
0
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3X2X1
0
001
6
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3X2X1
0
010
12
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
X1
0
011
18
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3X2X1
0
NOTE:
12. To select this mode, set IWA *000H/GWA F804H bits 17, 16, 8 and 7 to 1, 1, 0 and 0 respectively.
16-BIT MODE: 16-BIT MANTISSA (15:0), 1-BIT EXPONENT (-1), 6dB MAXIMUM EXPONENT RANGE (Note 13)
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING
X(-1) = 0
0
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
X1
X0
X(-1) = 1
6
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
X1
X0
NOTE:
13. To select this mode, set IWA *000H/GWA F804H bits 17, 16, 8 and 7 to 1, 1, 0 and 1 respectively.
FIGURE 1. INTEGRATED MODE
ABSOLUTE
VALUE
16
20, -8, -12, -16
32
MSB
Σ
R
E
G
A
B
A > B
32
20, -8, -12, -16
EN
FIGURE 2. PEAK DETECTOR (See “Errata” on page 63)
16
EN
FIGURE 3. LEAKY INTEGRATOR
Σ
R
E
G
32
16
X
Y
20, -8, -12, -16
A =
YN = A * X + (1 - A) * YN-1
ISL5216


Similar Part No. - ISL5216KI-1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5216KI-1Z INTERSIL-ISL5216KI-1Z Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216KI-1Z INTERSIL-ISL5216KI-1Z Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
ISL5216KI-1Z RENESAS-ISL5216KI-1Z Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
More results

Similar Description - ISL5216KI-1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com