Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6294IBZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6294IBZ-T
Description  High Input Voltage Charger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6294IBZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6294IBZ-T Datasheet HTML 1Page - Intersil Corporation ISL6294IBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6294IBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6294IBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6294IBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6294IBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6294IBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6294IBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6294IBZ-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN9174.4
July 9, 2007
Description
The ISL6294 charges a Li-ion battery using a CC/CV profile.
The constant current IREF is set with the external resistor
RIREF (See Figure 1) and the constant voltage is fixed at
4.2V. If the battery voltage is below a typical 2.55V trickle-
charge threshold, the ISL6294 charges the battery with a
trickle current of 19% of IREF until the battery voltage rises
above the trickle charge threshold. Fast charge CC mode is
maintained at the rate determined by programming IREF until
the cell voltage rises to 4.2V. When the battery voltage
reaches 4.2V, the charger enters a CV mode and regulates
the battery voltage at 4.2V to fully charge the battery without
the risk of over charge. Upon reaching an end-of-charge
(EOC) current, the charger indicates the charge completion
with the CHG pin, but the charger continues to output the
4.2V voltage. Figure 4 shows the typical charge waveforms
after the power is on.
The EOC current level IMIN is programmable with the
external resistor RIMIN (See Figure 1). The CHG signal turns
FIGURE 3. BLOCK DIAGRAM
VREF
EN
+115°C
DIE
TEMP
VIN
PPR
EN
GND
CHG
IMIN
IREF
BAT
200k
VOS
BAT
POR
CHARGE
CONTROL
PRE
REG
VCC
VREF
VCC
IREF
TRICKLE
CC
CV
IMIN
4.2V
TIME
2.55V
CHG
CHARGE
CURRENT
CHARGE
VOLTAGE
CHG
INDICATION
76%I
REF
19%IREF
FIGURE 4. TYPICAL CHARGE PROFILE
ISL6294


Similar Part No. - ISL6294IBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6294IBZ-T INTERSIL-ISL6294IBZ-T Datasheet
181Kb / 9P
   High Input Voltage Charger
July 9, 2007
logo
Renesas Technology Corp
ISL6294IBZ-T RENESAS-ISL6294IBZ-T Datasheet
471Kb / 9P
   High Input Voltage Charger
More results

Similar Description - ISL6294IBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9204 RENESAS-ISL9204 Datasheet
498Kb / 10P
   High Input Voltage Charger
logo
Intersil Corporation
ISL6294IRZ-T INTERSIL-ISL6294IRZ-T Datasheet
181Kb / 9P
   High Input Voltage Charger
July 9, 2007
logo
Renesas Technology Corp
ISL6294A RENESAS-ISL6294A Datasheet
432Kb / 8P
   High Input Voltage Charger
ISL9222A RENESAS-ISL9222A Datasheet
422Kb / 8P
   High Input Voltage Charger
logo
Intersil Corporation
ISL6294 INTERSIL-ISL6294 Datasheet
222Kb / 8P
   High Input Voltage Charger
ISL9222 INTERSIL-ISL9222 Datasheet
121Kb / 8P
   High Input Voltage Charger
ISL6294A INTERSIL-ISL6294A Datasheet
147Kb / 8P
   High Input Voltage Charger
ISL9204 INTERSIL-ISL9204 Datasheet
261Kb / 10P
   High Input Voltage Charger
ISL9204IRZ-T INTERSIL-ISL9204IRZ-T Datasheet
268Kb / 10P
   High Input Voltage Charger
October 4, 2005
logo
SG Micro Corp
SGM4056 SGMICRO-SGM4056 Datasheet
413Kb / 19P
   High Input Voltage Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com