Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL60002CIH312Z-TK Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL60002CIH312Z-TK
Description  Precision Low Power FGA??Voltage References
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002CIH312Z-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL60002CIH312Z-TK Datasheet HTML 1Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3
FN8082.13
December 17, 2007
Typical Application
VIN = +3.0V
0.1µF
0.001µF
*
SERIAL
BUS
VIN
VOUT
GND
ENABLE
SCK
SDAT
A/D CONVERTER
16 TO 24-BIT
REF IN
10µF
*Also see Figure 118 in Applications Information.
VOUT = 2.50V
ISL60002-25
Ordering Information
PART NUMBER
PART
MARKING
(Bottom)
VOUT (V)
GRADE
TEMP.
RANGE (°C)
PACKAGE
Tape & Reel
PKG. DWG. #
ISL60002BIH310Z-TK* (Note)
DFB
1.024
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002CIH310Z-TK* (Note)
DFC
1.024
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002DIH310Z-TK* (Note)
DFD
1.024
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002BIH311Z-TK* (Note)
APM
1.200
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002CIH311Z-TK* (Note)
AOR
1.200
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002DIH311Z-TK* (Note)
AOY
1.200
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002BIH312-TK*
AIL
1.250
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002BIH312Z-TK* (Note)
AOM
1.250
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002CIH312-TK*
AIN
1.250
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002CIH312Z-TK* (Note)
AOS
1.250
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002DIH312-TK*
AIP
1.250
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002DIH312Z-TK* (Note)
APA
1.250
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002BIH318Z-TK* (Note)
DEO
1.800
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002CIH318Z-TK* (Note)
DEP
1.800
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002DIH318Z-TK* (Note)
DEQ
1.800
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002BIH320Z-TK* (Note)
DEY
2.048
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002CIH320Z-TK* (Note)
DEZ
2.048
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002DIH320Z-TK* (Note)
DFA
2.048
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002BIH325-TK*
AIK
2.500
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002BIH325Z-TK* (Note)
AON
2.500
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002CIH325-TK*
AIM
2.500
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002CIH325Z-TK* (Note)
AOT
2.500
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002DIH325-TK*
AIO
2.500
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002DIH325Z-TK* (Note)
APB
2.500
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free) P3.064
ISL60002


Similar Part No. - ISL60002CIH312Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002CIH312Z-TK INTERSIL-ISL60002CIH312Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002CIH312Z-TK INTERSIL-ISL60002CIH312Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002CIH312Z-TK INTERSIL-ISL60002CIH312Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002CIH312Z-TK INTERSIL-ISL60002CIH312Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002CIH312Z-TK RENESAS-ISL60002CIH312Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Similar Description - ISL60002CIH312Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com