Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28158FHZ-T7A Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28158FHZ-T7A
Description  34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28158FHZ-T7A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28158FHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28158FHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28158FHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28158FHZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL28158FHZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL28158FHZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL28158FHZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL28158FHZ-T7A Datasheet HTML 13Page - Intersil Corporation ISL28158FHZ-T7A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6377.2
February 11, 2008
FIGURE 36. AVOL vs TEMPERATURE, V+, V- = ±2.5V,
VO = -2V TO +2V, RL = 100k
FIGURE 37. AVOL vs TEMPERATURE, V+, V- = ±2.5V,
VO = -2V TO +2V, RL = 1k
FIGURE 38. VOUT HIGH vs TEMPERATURE, V+, V- =±2.5V,
RL = 1k
FIGURE 39. VOUT HIGH vs TEMPERATURE, V+, V- = ±2.5V,
RL = 100k
FIGURE 40. VOUT LOW vs TEMPERATURE, V+, V- = ±2.5V,
RL = 1k
FIGURE 41. VOUT LOW vs TEMPERATURE, V+, V- = ±2.5V,
RL = 100k
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open. (Continued)
100
150
200
250
300
350
400
450
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MAX
MEDIAN
MIN
N = 1000
20
25
30
35
40
45
50
55
60
65
70
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MAX
MEDIAN
MIN
N = 1000
4.84
4.85
4.86
4.87
4.88
4.89
4.90
4.91
4.92
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MAX
MIN
MEDIAN
N = 1000
4.9955
4.9960
4.9965
4.9970
4.9975
4.9980
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MAX
MIN
MEDIAN
N = 1000
100
110
120
130
140
150
160
170
180
190
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
N = 1000
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
N = 1000
ISL28158, ISL28258


Similar Part No. - ISL28158FHZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28158FHZ-T7A INTERSIL-ISL28158FHZ-T7A Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158FHZ-T7A RENESAS-ISL28158FHZ-T7A Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results

Similar Description - ISL28158FHZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com