Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59885 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL59885
Description  Auto-Adjusting Sync Separator for HD and SD Video
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59885 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL59885 Datasheet HTML 1Page - Intersil Corporation ISL59885 Datasheet HTML 2Page - Intersil Corporation ISL59885 Datasheet HTML 3Page - Intersil Corporation ISL59885 Datasheet HTML 4Page - Intersil Corporation ISL59885 Datasheet HTML 5Page - Intersil Corporation ISL59885 Datasheet HTML 6Page - Intersil Corporation ISL59885 Datasheet HTML 7Page - Intersil Corporation ISL59885 Datasheet HTML 8Page - Intersil Corporation ISL59885 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN7442.6
ISL59885
Auto-Adjusting Sync Separator for HD
and SD Video
The ISL59885 video sync separator extracts sync timing
information from both standard and non-standard video
inputs in the presence of Macrovision pulses. The ISL59885
provides horizontal, vertical, and composite sync outputs as
well as SD/HDTV detection. An auto input frequency detect
feature automatically adapts to a wide range of video
standards (it does not need a different RSET resistor for
different frequencies). The vertical sync pulse is output on
the rising edge of the first vertical serration following the
vertical pre-equalizing string. For non-standard vertical
inputs, a default vertical pulse is output when the vertical
signal stays low for longer than the vertical sync default
delay time. The horizontal output gives horizontal timing with
pre/post equalizing pulses. Fixed 70mV sync tip slicing
provides sync edge detection when the video input level is
between 0.5VP-P and 2VP-P.
The ISL59885 is available in an 8 Ld SOIC package and is
specified for operation over the full -40°C to +85°C
temperature range.
Pinout
ISL59885
(8 LD SOIC)
TOP VIEW
Features
• NTSC, PAL, SECAM, HDTV, non-standard video sync
separation
• Fixed 70mV slicing of video input levels from 0.5VP-P to
2VP-P
• Single 3V to 5V supply
• Composite sync output
• Vertical output
• Horizontal output
• HDTV detection
• Macrovision compatible
• Available in 8 Ld SOIC package
• Pb-free available (RoHS compliant)
Applications
• High definition video equipment
Demo Board
• A dedicated demo board is available
COMPOSITE SYNC OUT
COMPOSITE VIDEO IN
VERTICAL SYNC OUT
GND
VDD
HORIZONTAL OUTPUT
CSET
HD
1
2
3
4
8
7
6
5
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
PKG. DWG. #
ISL59885IS*
59885 IS
8 Ld SOIC
MDP0027
ISL59885ISZ* (Note)
59885 ISZ
8 Ld SOIC
(Pb-free)
MDP0027
*Add “-T7” or “-T13” suffix for tape and reel. Please refer to TB347
for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
August 15, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005, 2006, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL59885

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885 Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Intersil Corporation
ISL59885IS INTERSIL-ISL59885IS Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885IS INTERSIL-ISL59885IS Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885IS-T13 INTERSIL-ISL59885IS-T13 Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
More results

Similar Description - ISL59885

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885 Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885_06 Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MM TI-LMH1980MM Datasheet
1Mb / 22P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com