Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL81334IAZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL81334IAZ
Description  짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81334IAZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL81334IAZ Datasheet HTML 1Page - Intersil Corporation ISL81334IAZ Datasheet HTML 2Page - Intersil Corporation ISL81334IAZ Datasheet HTML 3Page - Intersil Corporation ISL81334IAZ Datasheet HTML 4Page - Intersil Corporation ISL81334IAZ Datasheet HTML 5Page - Intersil Corporation ISL81334IAZ Datasheet HTML 6Page - Intersil Corporation ISL81334IAZ Datasheet HTML 7Page - Intersil Corporation ISL81334IAZ Datasheet HTML 8Page - Intersil Corporation ISL81334IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
FN6202.3
November 21, 2007
TABLE 2. ISL81334 FUNCTION TABLE
INPUTS
RECEIVER OUTPUTS
DRIVER OUTPUTS
CHARGE PUMPS
(NOTE 1)
MODE
SEL1 or 2
ON/OFF
DE 1 or 2
RA
RB
YZ
0
1
N.A.
ON
ON
ON
ON
ON
RS-232
X
0
X
High-Z
High-Z
High-Z
High-Z
OFF
Shutdown
1
1
0
ON
High-Z*
High-Z
High-Z
OFF
RS-485
1
1
1
ON
High-Z*
ON
ON
OFF
RS-485
NOTE:
1. Charge pumps are off iff SEL1 = SEL2 = 1, or if ON/OFF = 0. If ON = 1, and either port is programmed for RS-232 mode, then the charge
pumps are on.
ISL81334 Truth Tables (FOR EACH PORT)
RS-232 TRANSMITTING MODE
INPUTS
OUTPUTS
SEL1 or 2 ON/OFF
DY
DZ
YZ
0
10011
0
10110
0
11001
0
11100
0
0
X
X
High-Z
High-Z
RS-232 RECEIVING MODE
INPUTS
OUTPUT
SEL1 or 2 ON/OFF
AB
RA
RB
0
10011
0
10110
0
11001
0
11100
0
1
Open
Open
1
1
0
0
X
X
High-Z
High-Z
RS-485 TRANSMITTING MODE
INPUTS
OUTPUTS
SEL1 or 2 ON/OFF
DE1 or 2
DY
YZ
1
11010
1
11101
1
1
0
X
High-Z
High-Z
1
0
X
X
High-Z
High-Z
RS-485 RECEIVING MODE
INPUTS
OUTPUT
SEL1 or 2 ON/OFF
B-A
RA
RB*
11
≥ -40mV
1
High-Z
11
≤ -200mV
0
High-Z
1
1
Open or Shorted together
1
High-Z
1
0
X
High-Z
High-Z
*Internally pulled high through a 40k
Ω resistor.
ISL81334, ISL41334


Similar Part No. - ISL81334IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Renesas Technology Corp
ISL81334IAZ RENESAS-ISL81334IAZ Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
logo
Intersil Corporation
ISL81334IAZ-T INTERSIL-ISL81334IAZ-T Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL81334IAZ-T INTERSIL-ISL81334IAZ-T Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
More results

Similar Description - ISL81334IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com