Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL41387 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL41387
Description  짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41387 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL41387 Datasheet HTML 1Page - Intersil Corporation ISL41387 Datasheet HTML 2Page - Intersil Corporation ISL41387 Datasheet HTML 3Page - Intersil Corporation ISL41387 Datasheet HTML 4Page - Intersil Corporation ISL41387 Datasheet HTML 5Page - Intersil Corporation ISL41387 Datasheet HTML 6Page - Intersil Corporation ISL41387 Datasheet HTML 7Page - Intersil Corporation ISL41387 Datasheet HTML 8Page - Intersil Corporation ISL41387 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
FN6201.3
November 21, 2007
/
Pin Descriptions
PIN
MODE
FUNCTION
485/232
BOTH
Interface Mode Select input. High for RS-485 Mode and low for RS-232 Mode.
DEN
BOTH
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DEN high. They are high impedance when DEN
is low.
GND
BOTH
Ground connection.
NC
BOTH
No Connection.
ON
BOTH
In RS-232 mode only, ON high enables the charge pumps. ON low, with DEN and RXEN low (and RXEN high if QFN), turns
off the charge pumps (in RS-232 mode), and in either mode places the device in low power shutdown. In both modes, when
ON is low, and DEN is high, and RXEN is high or RXEN is low, loopback is enabled.
RXEN
BOTH
Receiver output enable. Rx is enabled when RXEN is high; Rx is high impedance when RXEN is low and, if using the QFN
package, RXEN is high. When using the QFN and the active high Rx enable function, RXEN should be high or floating.
RXEN
BOTH
Active low receiver output enable. Rx is enabled when RXEN is low; Rx is high impedance when RXEN is high and RXEN
is low. (i.e., to use active low Rx enable function, tie RXEN to GND). For single signal Tx/Rx direction control, connect RXEN
to DEN. Internally pulled high. (QFN only)
VCC
BOTH
System power supply input (5V).
VL
BOTH
Logic-Level Supply. All TTL/CMOS inputs and outputs are powered by this supply. (QFN only)
A
RS-232 Receiver input with
±15kV ESD protection. A low on A forces RA high; a high on A forces RA low.
RS-485 Inverting receiver input with
±15kV ESD protection.
B
RS-232 Receiver input with
±15kV ESD protection. A low on B forces RB high; a high on B forces RB low.
RS-485 Noninverting receiver input with
±15kV ESD protection.
DY
RS-232 Driver input. A low on DY forces output Y high. Similarly, a high on DY forces output Y low.
RS-485 Driver input. A low on DY forces output Y high and output Z low. Similarly, a high on DY forces output Y low and output Z high.
DZ
RS-232 Driver input. A low on DZ forces output Z high. Similarly, a high on DZ forces output Z low.
SLEW
RS-485 Slew rate control. With the SLEW pin high, the drivers run at the maximum slew rate (20Mbps). With the SLEW pin low, the
drivers run at a reduced slew rate (460kbps). On the QFN version, works in conjunction with SPB to select one of three
RS-485 data rates. Internally pulled high in RS-485 mode.
SPB
RS-485 Speed control. Works in conjunction with the SLEW pin to select the 20Mbps, 460kbps or 115kbps RS-485 data rate.
Internally pulled high. (QFN only)
RA
RS-232 Receiver output.
RS-485 Receiver output: If B > A by at least -40mV, RA is high; If B < A by -200mV or more, RA is low; RA = High if A and B are
unconnected (floating) or shorted together (i.e., full fail-safe).
RB
RS-232 Receiver output.
RS-485 Not used. Output is high impedance, and unaffected by RXEN and RXEN.
Y
RS-232 Driver output with
±15kV ESD protection.
RS-485 Inverting driver output with
±15kV ESD protection.
Z
RS-232 Driver output with
±15kV ESD protection.
RS-485 Noninverting driver output with
±15kV ESD protection.
C1+
RS-232 External capacitor (voltage doubler) is connected to this lead. Not needed in RS-485 Mode.
C1-
RS-232 External capacitor (voltage doubler) is connected to this lead. Not needed in RS-485 Mode.
C2+
RS-232 External capacitor (voltage inverter) is connected to this lead. Not needed in RS-485 Mode.
C2-
RS-232 External capacitor (voltage inverter) is connected to this lead. Not needed in RS-485 Mode.
V+
RS-232 Internally generated positive RS-232 transmitter supply (+5.5V). C3 not needed in RS-485 Mode.
V-
RS-232 Internally generated negative RS-232 transmitter supply (-5.5V). C4 not needed in RS-485 Mode.
ISL81387, ISL41387


Similar Part No. - ISL41387

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL41387 INTERSIL-ISL41387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL41387 INTERSIL-ISL41387 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL41387 INTERSIL-ISL41387 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL41387 RENESAS-ISL41387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL41387 INTERSIL-ISL41387 Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
More results

Similar Description - ISL41387

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com