Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8178FSZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL8178FSZ-T7
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8178FSZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL8178FSZ-T7 Datasheet HTML 1Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 2Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 3Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 4Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 5Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 8Page - Intersil Corporation EL8178FSZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN7504.6
March 17, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (VS) and Pwr-up Ramp Rate . . . . . . . 5.75V, 1V/µs
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Current into IN+, IN-, and EN. . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Tolerance
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
6 Ld WLCSP Package . . . . . . . . . . . . . . . . . . . . . . .
130
8 Ld SO Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
125
Ambient Operating Temperature Range . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, VO = 2.5V, TA = +25°C unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNIT
VOS
Input Offset Voltage
SOT-23/SO-8
-250
50
250
µV
-450
450
µV
WLCSP
-1500
-50
1500
µV
Long Term Input Offset Voltage
Stability
3µV/Mo
Input Offset Drift vs Temperature
1.1
µV/°C
IB
Input Bias Current
-25
1
25
pA
-600
600
pA
IOS
Input Offset Current
-30
10
30
pA
-600
600
pA
eN
Input Noise Voltage Peak-to-Peak
f = 0.1Hz to 10Hz
2.8
µVP-P
Input Noise Voltage Density
fO = 1kHz
48
nV/
√Hz
iN
Input Noise Current Density
fO = 1kHz
0.15
pA/
√Hz
CMIR
Input Voltage Range
Guaranteed by CMRR test
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
80
100
dB
75
dB
PSRR
Power Supply Rejection Ratio
VS = 2.4V to 5.5V
80
100
dB
80
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V,
RL = 100kΩ to (V+ + V-)/2
100
400
V/mV
100
VmV
ΔV
OS
ΔTime
------------------
ΔV
OS
ΔT
----------------
EL8178


Similar Part No. - EL8178FSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8178FSZ-T7 INTERSIL-EL8178FSZ-T7 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178FSZ-T7 RENESAS-EL8178FSZ-T7 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results

Similar Description - EL8178FSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
   Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com