Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL9112IL Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL9112IL
Description  Triple Differential Receiver/Equalizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9112IL Datasheet(HTML) 4 Page - Intersil Corporation

  EL9112IL Datasheet HTML 1Page - Intersil Corporation EL9112IL Datasheet HTML 2Page - Intersil Corporation EL9112IL Datasheet HTML 3Page - Intersil Corporation EL9112IL Datasheet HTML 4Page - Intersil Corporation EL9112IL Datasheet HTML 5Page - Intersil Corporation EL9112IL Datasheet HTML 6Page - Intersil Corporation EL9112IL Datasheet HTML 7Page - Intersil Corporation EL9112IL Datasheet HTML 8Page - Intersil Corporation EL9112IL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN7450.4
May 9, 2007
ΔGain @ DC
Channel-to-Channel Gain
Matching
VC = 0, VG = 0.39, X2 = 5,
RL = 150Ω
36
%
ΔGain @
15MHz
Channel-to-Channel Gain
Matching
VC = 0.6, VG = 0.39, X2 = 5,
RL = 150Ω, Frequency = 15MHz
310
%
V(SYNC)HI
High Level output on V/HOUT
(EL9111 only)
V(VSP) - 0.1V
V(VSP)
V(SYNC)LO
Low Level output on V/HOUT
(EL9111 only)
0VSYNCREF + 0.1V
SUPPLY
ISON
Supply Current per Channel
VENBL = 5, VINM = 0
32
36
39
mA
ISOFF
Supply Current per Channel
VENBL = 0, VINM = 0
0.2
0.4
mA
PSRR
Power Supply Rejection Ratio
DC to 100kHz, ±5V supply
65
dB
LOGIC CONTROL PINS (ENABLE, X2)
VHI
Logic High Level
VIN - VLOGIC ref for guaranteed
high level
1.35
V
VLOW
Logic Low Level
VIN - VLOGIC ref for guaranteed low
level
0.8
V
ILOGICH
Logic High Input Current
VIN = 5V, VLOGIC = 0V
50
µA
ILOGICL
Logic Low Input Current
VIN = 0V, VLOGIC = 0V
15
µA
Electrical Specifications
VSA+ = VA+ = +5V, VSA- = VA- = -5V, TA = +25°C, exposed die plate = -5V, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Pin Descriptions
PIN
NUMBER
EL9111IL
PIN NAME
EL9111IL
PIN FUNCTION
EL9112IL
PIN NAME
EL9112IL
PIN FUNCTION
1
VSMO_B
-5V to blue output buffer
VSMO_B
-5V to blue output buffer
2
VOUT_B
Blue output voltage referenced to 0V pin
VOUT_B
Blue output voltage referenced to 0V pin
3
VSPO_B
+5V to blue output buffer
VSPO_B
+5V to blue output buffer
4
VSPO_G
+5V to green output buffer
VSPO_G
+5V to green output buffer
5
VOUT_G
Green output voltage referenced to 0V pin
VOUT_G
Green output voltage referenced to 0V pin
6
VSMO_G
-5V to green output buffer
VSMO_G
-5V to green output buffer
7
VSMO_R
-5V to red output buffer
VSMO_R
-5V to red output buffer
8
VOUT_R
Red output voltage referenced to 0V pin
VOUT_R
Red output voltage referenced to 0V pin
9
VSPO_R
+5V to red output buffer
VSPO_R
+5V to red output buffer
10
VCTRL
Equalization control voltage (0V to 1V)
VCTRL
Equalization control voltage (0V to 1V)
11
VREF
Reference voltage for logic signals, VCTRL and
VGAIN pins
VREF
Reference voltage for logic signals, VCTRL and
VGAIN pins
12
VGAIN_R
Red channel gain voltage (0V to 1V)
VGAIN_R
Red channel gain voltage (0V to 1V)
13
VGAIN_G
Green channel gain voltage (0V to 1V)
VGAIN_G
Green channel gain voltage (0V to 1V)
14
VGAIN_B
Blue channel gain voltage (0V to 1V)
VGAIN_B
Blue channel gain voltage (0V to 1V)
15
VSM
-5V to core of chip
VSM
-5V to core of chip
16
VINP_R
Red positive differential input
VINP_R
Red positive differential input
17
VINM_R
Red negative differential input
VINM_R
Red negative differential input
18
VINP_G
Green positive differential input
VINP_G
Green positive differential input
19
VINM_G
Green negative differential input
VINM_G
Green negative differential input
20
VINP_B
Blue positive differential input
VINP_B
Blue positive differential input
EL9111, EL9112


Similar Part No. - EL9112IL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9112IL INTERSIL-EL9112IL Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9112IL INTERSIL-EL9112IL Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9112IL INTERSIL-EL9112IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
EL9112IL-T13 INTERSIL-EL9112IL-T13 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9112IL-T13 INTERSIL-EL9112IL-T13 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
More results

Similar Description - EL9112IL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
   Differential Receiver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com