Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL9214IREZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL9214IREZ
Description  100MHz 100mA VCOM Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9214IREZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL9214IREZ Datasheet HTML 2Page - Intersil Corporation EL9214IREZ Datasheet HTML 3Page - Intersil Corporation EL9214IREZ Datasheet HTML 4Page - Intersil Corporation EL9214IREZ Datasheet HTML 5Page - Intersil Corporation EL9214IREZ Datasheet HTML 6Page - Intersil Corporation EL9214IREZ Datasheet HTML 7Page - Intersil Corporation EL9214IREZ Datasheet HTML 8Page - Intersil Corporation EL9214IREZ Datasheet HTML 9Page - Intersil Corporation EL9214IREZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN7007.1
August 10, 2007
FIGURE 19. SUPPLY CURRENT(PER AMPLIFIER) vs SUPPLY
VOLTAGE
FIGURE 20.
PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 21.
PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 22.
PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 23.
PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
0
0.5
1
1.5
2
2.5
3
2
2.5
3
3.5
4
4.5
5
5.5
6
VS (±V)
±IS
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.5
0.45
0.3
0.2
0.15
0.1
0.05
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
435mW
θJA=230°C/W
SOT23-5/6
0.4
0.25
0.35
125
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.45
0.4
0.25
0.15
0.1
0.05
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
391mW
θ
JA = +256°C/W
SOT23-5/6
0.35
0.2
0.3
125
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD -
HTSSOP EXPOSED DIEPAD SOLDERED
TO PCB PER JESD51-5
3.5
3
2.5
1.5
1
0.5
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
2
2.632W
θJA = +38°C/W
HTSSOP14
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
1
0.9
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
0.8
0.5
0.7
125
694mW
θJA = +144°C/W
HTSSOP14
EL9211, EL9212, EL9214


Similar Part No. - EL9214IREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9214IREZ INTERSIL-EL9214IREZ Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
logo
Renesas Technology Corp
EL9214IREZ RENESAS-EL9214IREZ Datasheet
624Kb / 11P
   100MHz 100mA VCOM Amplifiers
logo
Intersil Corporation
EL9214IREZ-T13 INTERSIL-EL9214IREZ-T13 Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
logo
Renesas Technology Corp
EL9214IREZ-T13 RENESAS-EL9214IREZ-T13 Datasheet
624Kb / 11P
   100MHz 100mA VCOM Amplifiers
logo
Intersil Corporation
EL9214IREZ-T7 INTERSIL-EL9214IREZ-T7 Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
More results

Similar Description - EL9214IREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9211 INTERSIL-EL9211 Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
logo
Renesas Technology Corp
EL9211 RENESAS-EL9211 Datasheet
624Kb / 11P
   100MHz 100mA VCOM Amplifiers
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5424 INTERSIL-EL5424 Datasheet
589Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL5144 INTERSIL-EL5144 Datasheet
499Kb / 19P
   100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Linear Technology
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5144 RENESAS-EL5144 Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com