Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8201 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL8201
Description  200MHz Rail-to-Rail Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8201 Datasheet(HTML) 4 Page - Intersil Corporation

  EL8201 Datasheet HTML 1Page - Intersil Corporation EL8201 Datasheet HTML 2Page - Intersil Corporation EL8201 Datasheet HTML 3Page - Intersil Corporation EL8201 Datasheet HTML 4Page - Intersil Corporation EL8201 Datasheet HTML 5Page - Intersil Corporation EL8201 Datasheet HTML 6Page - Intersil Corporation EL8201 Datasheet HTML 7Page - Intersil Corporation EL8201 Datasheet HTML 8Page - Intersil Corporation EL8201 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN7105.3
August 29, 2007
VIL-ENB
ENABLE Pin Voltage for Shut-down
2
V
IIH-ENB
ENABLE Pin Input Current High
8.6
µA
IIL-ENB
ENABLE Pin Input for Current Low
0.01
µA
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1, RF = 0Ω, CL = 1.5pF
200
MHz
AV = -1, RF = 1kΩ, CL = 1.5pF
90
MHz
AV = +2, RF = 1kΩ, CL = 1.5pF
90
MHz
AV = +10, RF = 1kΩ, CL = 1.5pF
10
MHz
BW
±0.1dB Bandwidth
AV = +1, RF = 0Ω, CL = 1.5pF
20
MHz
Peak
Peaking
AV = +1, RF = 1kΩ, CL = 1.5pF
1
dB
GBWP
Gain Bandwidth Product
100
MHz
PM
Phase Margin
RL = 1kΩ, CL = 1.5pF
55
°
SR
Slew Rate
AV = 2, RL = 100Ω, VOUT = 0.5V to 4.5V
160
200
V/µs
tR
Rise Time
2.5VSTEP, 20% - 80%
8
ns
tF
Fall Time
2.5VSTEP, 20% - 80%
7
ns
OS
Overshoot
200mV step
10
%
tPD
Propagation Delay
200mV step
2
ns
tS
0.1% Settling Time
200mV step
20
ns
dG
Differential Gain
AV = +2, RF = 1kΩ, RL = 150Ω
0.035
%
dP
Differential Phase
AV = +2, RF = 1kΩ, RL = 150Ω
0.05
°
eN
Input Noise Voltage
f = 10kHz
10
nV/
√Hz
iN+
Positive Input Noise Current
f = 10kHz
1
pA/
√Hz
iN-
Negative Input Noise Current
f = 10kHz
0.8
pA/
√Hz
eS
Channel Separation
f = 100kHz
95
dB
NOTE:
1. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
Electrical Specifications
VS+ = 5V, VS- = GND, TA = 25°C, VCM = 2.5V, RL to 2.5V, AV = 1, Unless Otherwise Specified (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
Pin Descriptions
EL8200
(10 Ld SO)
EL8201
(8 Ld SO, 8 Ld MSOP)
EL8401
(14 Ld SO)
EL8401
(16 Ld QSOP)
NAME
FUNCTION
1, 5
3, 5
3, 5, 10, 12
3, 5, 12, 14
IN+
Non-inverting input for each channel
2, 4
CE
Enable and disable input for each channel
3
4
11
13
VS-
Negative power supply
6, 10
2, 6
2, 6, 9, 13
2, 6, 11, 15
IN-
Inverting input for each channel
7, 9
1, 7
1, 7, 8, 14
1, 7, 10, 16
OUT
Amplifier output for each channel
8
8
4
4
VS+
Positive power supply
EL8200, EL8201, EL8401


Similar Part No. - EL8201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8201 INTERSIL-EL8201 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8201 INTERSIL-EL8201 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8201 RENESAS-EL8201 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8201IS INTERSIL-EL8201IS Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8201IS-T13 INTERSIL-EL8201IS-T13 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com