Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL9115ILZ-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL9115ILZ-T13
Description  Triple Analog Video Delay Line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9115ILZ-T13 Datasheet(HTML) 8 Page - Intersil Corporation

  EL9115ILZ-T13 Datasheet HTML 1Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 2Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 3Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 4Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 5Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 6Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 7Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 8Page - Intersil Corporation EL9115ILZ-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN7441.4
February 8, 2008
Test Pins
Three test pins are provided (Test R, Test G, Test B). During
normal operation, the test pins output pulses of current for a
duration of the overlap between the inputs, as shown in
Figure 14:
Test_R pulse = Red out (A) wrt Green out (B)
Test_G pulse = Green out
wrt Blue out
Test_B pulse = Blue out
wrt Red out
Averaging the current gives a direct measure of the delay
between the two edges. When A precedes B the current
pulse is +50µA, and the output voltage goes up. When B
precedes A, the pulse is -50µA.
For the logic to work correctly, A and B must have a period of
overlap while they are high (a delay longer than the pulse
width cannot be measured).
Signals A and B are derived from the video input by
comparing the video signal with a slicing level, which is set
by an internal DAC. This enables the delay to be measured
either from the rising edges of sync-like signals encoded on
top of the video or from a dedicated set-up signal. The
outputs can be used to set the correct delays for the signals
received.
The DAC level is set through the serial input by bits 1
through 4 directed to the test register (00).
Test Mode
Bit zero of the test register is set to 0 for normal operation. If
it is set to 1 then the device is in Test Mode. In Test Mode,
the DAC voltage is directed to the Green channel output,
while for the Red and Blue channels, the test outputs are
now pulses of current which are generated by looking at the
delay between the input and output of the channel. They
thus enable the delay to be measured.
TABLE 2.
wxyz
DAC/mV
1000
-400
1001
-350
1010
-300
1011
-250
1100
-200
1101
-150
1110
-100
1111
-50
0000
0
0001
50
0010
100
0011
150
0100
200
0101
250
0110
300
0111
350
NOTE: Test Register word = 000wxyzt. If t = 1 test mode else
normal. wxyz fed to DAC. z is LSB
FIGURE 14. DELAY DETECTOR
A
B
OUTPUT
4
SLICING LEVEL
COMPARATORS
A
B
VIDEO IN
EL9115


Similar Part No. - EL9115ILZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115ILZ-T13 INTERSIL-EL9115ILZ-T13 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ-T13 INTERSIL-EL9115ILZ-T13 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ-T13 INTERSIL-EL9115ILZ-T13 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
More results

Similar Description - EL9115ILZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
logo
Analog Devices
AD8120 AD-AD8120 Datasheet
455Kb / 16P
   Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com