Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL9112 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL9112
Description  Triple Differential Receiver/Equalizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9112 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL9112 Datasheet HTML 5Page - Intersil Corporation EL9112 Datasheet HTML 6Page - Intersil Corporation EL9112 Datasheet HTML 7Page - Intersil Corporation EL9112 Datasheet HTML 8Page - Intersil Corporation EL9112 Datasheet HTML 9Page - Intersil Corporation EL9112 Datasheet HTML 10Page - Intersil Corporation EL9112 Datasheet HTML 11Page - Intersil Corporation EL9112 Datasheet HTML 12Page - Intersil Corporation EL9112 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN7450.4
May 9, 2007
Decoding is based on the EL4543 encoding scheme, as
described in Figure 27 and Table 1. The scheme is a three-
level system, which has been designed such that the sum of
the common mode voltages results in a fixed average DC
level with no AC content. This eliminates the effect of EMI
radiation into the common mode signals along the twisted
pairs of the cable.
The common mode voltages are initially extracted by the
EL9111 from the three input pairs. These are then passed to
an internal logic decoding block to provide Horizontal and
Vertical sync output signals (HOUT and VOUT).
FIGURE 27. H AND V SYNCS ENCODED
Sync Ref
The Sync Ref pin is the reference level for the logic low of the
sync outputs. It can be tied to 0V or -5V, but for typical
operation, the Sync Ref pin would tie to 0V. The Sync output
logic low level approaches Sync Ref within VCESAT; the logic
high will approach VSP within VCESAT. The EL9111 operating
with a 10V single supply and Sync Ref at ground will cause the
HOUT and VOUT pins to go from ground to VSP, a 10V swing.
This is too large a voltage for logic inputs, so an output voltage
divider of 1k
Ω series from the outputs with 1kΩ to ground will
reduce the output logic levels to 0V and 5V. Different logic
levels may require different output divider ratios.
The Sync Ref is intended to sink all the switching currents as
transitions to logic low are made. This prevents switching
signals crosstalk to the main chip 0V line, as well as adding the
flexibility of referencing to -5V. Thus, the logic output buffer
does use Sync Ref as its negative supply. The Sync Ref pin is
connected to the analog -5V or analog ground as needed and
is a separate pin to prevent noise coupling in the chip.
EL9111 with Single Ended Coax Input
The EL9111 is designed to use twisted pair cat 5 cable input
with sync encoded as differential CMV on the RGB pairs.
Coax cable inputs may be used with a few changes and
limitations. Coax cable cannot have sync encoded as CMV,
so the coax shields are grounded along with the EL9111
RGB minus inputs. The coax center conductor is terminated
with 75
Ω and connected to the RGB plus inputs. The result
is half the video signal will be seen as CMV by the sync
decoding circuit that decodes the video as sync. This causes
noise on the RGB outputs. The noise may be eliminated by
connecting the Sync Ref pin to VSP to disable the Sync
Outputs which now typically go to about 3V with +5VSP.
TABLE 1. H AND V SYNC DECODING
RED CM
GREEN CM
BLUE CM
HSYNC
VSYNC
Mid
High
Low
Low
Low
High
Low
Mid
Low
High
Low
High
Mid
High
Low
Mid
Low
High
High
High
NOTE: Level ‘Mid’ is halfway between ‘High’ and ‘Low’
TIME (0.5ms/DIV)
BLUE CM
OUT (CH A)
GREEN CM
OUT (CH B)
RED CM
OUT (CH C)
VSYNC
HSYNC
EL9111, EL9112


Similar Part No. - EL9112

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9112 INTERSIL-EL9112 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9112 INTERSIL-EL9112 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9112 INTERSIL-EL9112 Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Renesas Technology Corp
EL9112 RENESAS-EL9112 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
EL9112IL INTERSIL-EL9112IL Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
More results

Similar Description - EL9112

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
   Differential Receiver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com