Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA4314BCP Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA4314BCP
Description  400MHz, 4x1 Video Crosspoint Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4314BCP Datasheet(HTML) 3 Page - Intersil Corporation

  HA4314BCP Datasheet HTML 1Page - Intersil Corporation HA4314BCP Datasheet HTML 2Page - Intersil Corporation HA4314BCP Datasheet HTML 3Page - Intersil Corporation HA4314BCP Datasheet HTML 4Page - Intersil Corporation HA4314BCP Datasheet HTML 5Page - Intersil Corporation HA4314BCP Datasheet HTML 6Page - Intersil Corporation HA4314BCP Datasheet HTML 7Page - Intersil Corporation HA4314BCP Datasheet HTML 8Page - Intersil Corporation HA4314BCP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN3679.12
September 11, 2007
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Digital Input Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . .
±25mA
Analog Input Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . .
±5mA
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . .2000V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
14 Ld PDIP Package* . . . . . . . . . . . . . . . . . . . . . . .
95
14 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
120
16 Ld QSOP Package . . . . . . . . . . . . . . . . . . . . . . .
140
Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . +175°C
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
Electrical Specifications
VSUPPLY = ±5V, RL = 10kΩ, VCS = 0.8V, Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP. (°C)
MIN
(Note 4)
TYP
MAX
(Note 4)
UNITS
DC SUPPLY CHARACTERISTICS
Supply Voltage
Full
±4.5
±5.0
±5.5
V
Supply Current (VOUT =0V)
VCS = 0.8V
25, 70
-
10.5
13
mA
VCS = 0.8V
0
-
-
15.5
mA
VCS = 2.0V
25, 70
-
400
450
µA
VCS = 2.0V
0
-
400
580
µA
ANALOG DC CHARACTERISTICS
Output Voltage Swing without Clipping
VOUT =VIN ± VIO ± 20mV
25, 70
±2.7
±
2.8
-V
0±2.4
±
2.5
-V
Output Current
Full
15
20
-
mA
Input Bias Current
Full
-
30
50
µA
Output Offset Voltage
Full
-10
-
10
mV
Output Offset Voltage Drift (Note 3)
Full
-
25
50
µV/°C
SWITCHING CHARACTERISTICS
Turn-On Time
25
-
160
-
ns
Turn-Off Time
25
-
320
-
ns
Output Glitch During Switching
25
-
±10
-
mV
DIGITAL DC CHARACTERISTICS
Input Logic High Voltage
Full
2
-
-
V
Input Logic Low Voltage
Full
-
-
0.8
V
Input Current
0V to 4V
Full
-2
-
2
µA
AC CHARACTERISTICS
Insertion Loss
1VP-P
25
-
0.055
0.063
dB
Full
-
0.07
0.08
dB
Channel-to-Channel Insertion Loss Match
Full
-
±0.004
±0.006
dB
HA4314B


Similar Part No. - HA4314BCP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4314BCP INTERSIL-HA4314BCP Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
HA4314BCP INTERSIL-HA4314BCP Datasheet
307Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314BCP RENESAS-HA4314BCP Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Intersil Corporation
HA4314BCPZ INTERSIL-HA4314BCPZ Datasheet
307Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314BCPZ RENESAS-HA4314BCPZ Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
More results

Similar Description - HA4314BCP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_06 Datasheet
307Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314B RENESAS-HA4314B Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
HA4344B RENESAS-HA4344B Datasheet
293Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Intersil Corporation
HA4344B INTERSIL-HA4344B_06 Datasheet
100Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com