Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV031B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90LV031B
Description  3V LVDS Quad CMOS Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV031B Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90LV031B_05 Datasheet HTML 1Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 2Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 3Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 4Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 5Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 6Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 7Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 8Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Parameter Measurement Information (Continued)
Typical Application
Applications Information
General application guidelines and hints for LVDS drivers
and receivers may be found in the following application
notes: LVDS Owner’s Manual (lit #550062-001), AN808,
AN977, AN971, AN916, AN805, AN903.
LVDS drivers and receivers are intended to be primarily used
in an uncomplicated point-to-point configuration as is shown
in Figure 6. This configuration provides a clean signaling
environment for the quick edge rates of the drivers. The
receiver is connected to the driver through a balanced media
which may be a standard twisted pair cable, a parallel pair
cable, or simply PCB traces. Typically, the characteristic
differential impedance of the media is in the range of 100
Ω.
A termination resistor of 100
Ω should be selected to match
the media, and is located as close to the receiver input pins
as possible. The termination resistor converts the current
sourced by the driver into a voltage that is detected by the
receiver. Other configurations are possible such as a multi-
receiver configuration, but the effects of a mid-stream con-
nector(s), cable stub(s), and other impedance discontinuities
as well as ground shifting, noise margin limits, and total
termination loading must be taken into account.
The DS90LV031B differential line driver is a balanced cur-
rent source design. A current mode driver, generally speak-
ing has a high output impedance and supplies a constant
current for a range of loads (a voltage mode driver on the
other hand supplies a constant voltage for a range of loads).
Current is switched through the load in one direction to
produce a logic state and in the other direction to produce
the other logic state. The output current is typically 3.5 mA, a
minimum of 2.5 mA, and a maximum of 4.5 mA. The current
mode requires (as discussed above) that a resistive termi-
nation be employed to terminate the signal and to complete
the loop as shown in Figure 6. AC or unterminated configu-
rations are not allowed. The 3.5 mA loop current will develop
a differential voltage of 350 mV across the 100
Ω termination
resistor which the receiver detects with a 250 mV minimum
differential noise margin neglecting resistive line losses
(driven signal minus receiver threshold (350 mV – 100 mV =
250 mV)). The signal is centered around +1.2V (Driver Off-
set, V
OS) with respect to ground as shown in Figure 7. Note
that the steady-state voltage (V
SS) peak-to-peak swing is
twice the differential voltage (V
OD) and is typically 700 mV.
The current mode driver provides substantial benefits over
voltage mode drivers, such as an RS-422 driver. Its quies-
cent current remains relatively flat versus switching fre-
10131107
FIGURE 5. Driver TRI-STATE Delay Waveform
10131108
FIGURE 6. Point-to-Point Application
www.national.com
5


Similar Part No. - DS90LV031B_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031BTM NSC-DS90LV031BTM Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031BTMTC NSC-DS90LV031BTMTC Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031B_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com